Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8774GQ Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8774GQ
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774GQ Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8774GQ Datasheet HTML 13Page - Monolithic Power Systems MP8774GQ Datasheet HTML 14Page - Monolithic Power Systems MP8774GQ Datasheet HTML 15Page - Monolithic Power Systems MP8774GQ Datasheet HTML 16Page - Monolithic Power Systems MP8774GQ Datasheet HTML 17Page - Monolithic Power Systems MP8774GQ Datasheet HTML 18Page - Monolithic Power Systems MP8774GQ Datasheet HTML 19Page - Monolithic Power Systems MP8774GQ Datasheet HTML 20Page - Monolithic Power Systems MP8774GQ Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
17
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
0
0.2
0.4
0.6
0.8
1
1.2
0
1
2
3
4
5
PULL UP CURRENT (mA)
PG Clamped Voltage vs. Pull Up Current
Figure 5: PG Clamped Voltage vs. Pull-Up
Current
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP8774 has a valley-limit control. The LS-
FET monitors the current flowing through the
LS-FET. The HS-FET waits until the valley
current limit is removed before turning on again.
Meanwhile, the output voltage drops until VFB is
below
the
under-voltage
(UV)
threshold
(typically 50% below the reference). Once UV is
triggered, the MP8774 enters hiccup mode to
restart the part periodically.
During
over-current
protection
(OCP),
the
device attempts to recover from the over-
current fault with hiccup mode. This means that
the chip disables the output power stage,
discharges
the
soft-start
capacitor,
and
attempts to soft start again automatically. If the
over-current condition still remains after the soft
start ends, the device repeats this operation
cycle until the over-current condition disappears,
and then the output rises back to the regulation
level. OCP is a non-latch protection.
Pre-Bias Start-Up
The MP8774 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the BST
voltage is refreshed and charged, and the
voltage on the soft-start capacitor is charged as
well. If the BST voltage exceeds its rising
threshold voltage and the soft-start capacitor
voltage exceeds the sensed output voltage at
FB, the part begins working normally.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 130°C), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection with a rising
threshold of 1.7V and a hysteresis of 150mV.
VIN regulates the bootstrap capacitor voltage
internally through D1, M1, R4, C4, Lo, and Co
(see Figure 6). If VIN - VSW exceeds 5V, U2
regulates M1 to maintain a 3.3V BST voltage
across
C4.
The
BST
resistor
(R4)
is
recommended to be
less than 4.7Ω.
Vin
M1
C4
SW
VOUT
Co
3.3V
Lo
D1
R4
U2
Figure 6: Internal Bootstrap Charger
Start-Up and Shutdown Circuit
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating a stable reference
voltage and current, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuits.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. The shutdown
procedure starts by blocking the signaling path
initially to avoid any fault triggering. The internal
supply rail is then pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com