Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8774GQ Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8774GQ
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774GQ Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8774GQ Datasheet HTML 9Page - Monolithic Power Systems MP8774GQ Datasheet HTML 10Page - Monolithic Power Systems MP8774GQ Datasheet HTML 11Page - Monolithic Power Systems MP8774GQ Datasheet HTML 12Page - Monolithic Power Systems MP8774GQ Datasheet HTML 13Page - Monolithic Power Systems MP8774GQ Datasheet HTML 14Page - Monolithic Power Systems MP8774GQ Datasheet HTML 15Page - Monolithic Power Systems MP8774GQ Datasheet HTML 16Page - Monolithic Power Systems MP8774GQ Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
13
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1, 15
NC
No connection. NC must be left floating.
2
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply across the
high-side switch driver. A
BST resistor less than 4.7Ω is recommended.
3
EN
Enable. Pull EN high to enable the MP8774. When floating, EN is pulled down to GND and
disabled by an internal 3.3
MΩ resistor.
4
FB
Feedback. FB sets the output voltage when connected to the tap of an external resistor
divider between output and GND.
5
AGND
Signal ground. AGND is not connected to the system ground internally. Ensure that AGND
is connected to the system ground in the PCB layout.
6
SS
Soft start. Connect a capacitor across SS and GND to set the soft-start time to avoid inrush
current at start-up.
7
PG
Power good output. The output of PG is an open drain. PG changes state if UVP, OCP,
OTP, or OV occurs.
8
VIN
Supply voltage. The MP8774 operates from a 3 - 18V input rail. A capacitor (C1) is needed
to decouple the input rail. Use a wide PCB trace to make the connection.
9 - 13
PGND
System ground. PGND is the reference ground of the regulated output voltage. PGND
requires careful consideration during the PCB layout. PGND is recommended to be
connected to GND with coppers and vias.
14
VCC
Internal bias supply output. Decouple VCC with a 1µF capacitor. Place the VCC capacitor
close to VCC and GND.
16
SW
Switch output. Connect SW with a wide PCB trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com