Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8774GQ Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8774GQ
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774GQ Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8774GQ Datasheet HTML 8Page - Monolithic Power Systems MP8774GQ Datasheet HTML 9Page - Monolithic Power Systems MP8774GQ Datasheet HTML 10Page - Monolithic Power Systems MP8774GQ Datasheet HTML 11Page - Monolithic Power Systems MP8774GQ Datasheet HTML 12Page - Monolithic Power Systems MP8774GQ Datasheet HTML 13Page - Monolithic Power Systems MP8774GQ Datasheet HTML 14Page - Monolithic Power Systems MP8774GQ Datasheet HTML 15Page - Monolithic Power Systems MP8774GQ Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
12
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1V, L = 0.56µH, TA = 25°C, unless otherwise noted.
Short-Circuit Protection Steady
State
Short output to GND
Short-Circuit Protection Recovery
IOUT = 0A
CH1: VOUT
1V/div.
CH2: VPG
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
CH1: VOUT
1V/div.
CH2: VPG
5V/div.
CH3: VSW
10V/div.
CH4: IL
10A/div.
20ms/div.
20ms/div.
Load Transient
IOUT = 6 - 12A
CH1:
VOUT/AC
50mV/div.
CH4: IL
5A/div.
200µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com