Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2G Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2G
Description  0.5 mm-Pitch Vertical FPC Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2G Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2G Datasheet HTML 1Page - Omron Electronics LLC XF2G Datasheet HTML 2Page - Omron Electronics LLC XF2G Datasheet HTML 3Page - Omron Electronics LLC XF2G Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
0.5 mm-Pitch Vertical FPC Connector
XF2G
SMT Non-ZIF (Zero Insertion Force)
Connector Offers a Low-Cost, Top
Entry Alternative to Locking Types
H
Enlarged top surface area makes
automatic assembly easier
H
Low-profile, measures only 4.15 mm
above the circuit board
H
Hold down terminal improves
connection stability during soldering
H
Connectors supplied on tape reels for
automatic insertion
Ordering Information
Circuits
Part number
Quantity per reel
6
XF2G-0614-11
1,000 per reel
14
XF2G-1414-11
,
p
Order in multiples of the quantity per reel.
16
XF2G-1614-11
Order in multiples of the quantity per reel.
Note: Connectors with different circuit counts and contact locations are available on special order. Contact your Omron representative.
Specifications
Rated current
0.5 A
Rated voltage
50 VDC
Contact resistance
30 MΩ max. at 20 mVDC, 100 mA max.
Insulation resistance
100 MΩ min. at 250 VDC
Withstand voltage
250 VAC for 1 minute (with a leakage current of 1 mA max.)
Insertion tolerance
10 times
Ambient temperature
--30°Cto 85°C(--22°F to 185°F); no condensation at low temperatures
J
MATERIALS/FINISH
Housing
PA46 resin (UL94V-0)/natural
Contact
Copper-alloy/nickel spring substrate (2 µm) plated with tin alloy (2 µm)


Similar Part No. - XF2G

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
0.5 mm-Pitch Rotary-Lock FPC Connector
XF2L OMRON-XF2L Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
0.4-mm Pitch Board to FPC Connector
XF2J_1011 OMRON-XF2J_1011 Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L_1011 OMRON-XF2L_1011 Datasheet
160Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
logo
Hirose Electric
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
ITS-P-10005FH HIROSE-ITS-P-10005FH Datasheet
462Kb / 1P
0.5 mm Pitch, Robust Vertical Mount
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com