Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2G Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2G
Description  0.5 mm-Pitch Vertical FPC Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2G Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2G Datasheet HTML 1Page - Omron Electronics LLC XF2G Datasheet HTML 2Page - Omron Electronics LLC XF2G Datasheet HTML 3Page - Omron Electronics LLC XF2G Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XF2G
XF2G
2
Dimensions
Unit: mm
J
XF2G-j
j
j
jj
j
j
j
14-11
Applicable FPC Dimensions
Printed Circuit Board Matching
Dimensions (Top View)
A
B
C
0.5
2.4
2.95
3.4
4.15
0.2
4
1.6
1.6
C¦0.05
0.5¦0.05
0.5¦0.05
0.3
5.0 min.
B¦0.07
0.5¦0.1
2.8
C¦0.05
0.5¦0.03
0.35¦0.03
T=0.3±0.05
(Copper conductors)
J
TABLE OF DIMENSIONS
Circuits
Part number
A
B
C
6
XF2G-0614-11
4.9 (0.193)
3.5 (0.380)
2.5 (0.098)
14
XF2G-1414-11
8.9 (0.350)
7.5 (0.295)
6.5 (0.256)
16
XF2G-1614-11
9.9 (0.390)
8.5 (0.335)
7.5 (0.295)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com