Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2G Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XF2G
Description  0.5 mm-Pitch Vertical FPC Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2G Datasheet(HTML) 3 Page - Omron Electronics LLC

  XF2G Datasheet HTML 1Page - Omron Electronics LLC XF2G Datasheet HTML 2Page - Omron Electronics LLC XF2G Datasheet HTML 3Page - Omron Electronics LLC XF2G Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XF2G
XF2G
3
J
TAPE AND REEL DIMENSIONS
Direction of
drawout
3 (0.118)
A
80 (3.15) dia.
330
(12.99)
dia.
B
CD
B
E
3.5 (0.138)
1.36 (0.054)
2.6 (0.102)
1.5
(0.055)
dia.
4±0.1
(0.157)
2 (0.079)
1.75±0.1
(0.069)
12±0.1
(0.472)
1.3 (0.051)
4.4±0.1
(0.173)
E
11.5±0.1
(0.453)
Direction of
drawout
+0.1
0
Circuits
Part number
A
B
C
D
E
6
XF2G-0614-11
16.4
(0.646)
+2
0
22.4 (0.882)
5.0 (0.197)
3.1 (0.122)
16±0.3 (0.630)
14
XF2G-1414-11
24 4
(0 961)
+2
0
30.4 (1.197)
9.0 (0.354)
7.1 (0.280)
24±0.3 (0.945)
16
XF2G-1614-11
24.4
(0.961)
0
(
)
10.0 (0.394)
8.1 (0.319)
(
)
Precautions
J
RECOMMENDED REFLOW CONDITIONS
Pre-heat
Temperature: 150±10°C
Time:
60 to 120 seconds
Soldering
Temperature: 200 to 240°C
Time:
Not exceeding 30 seconds
(Not exceeding 10 seconds at 240°C
maximum temperature.)
J
STORAGE
Do not store under high humidity levels as this may cause
deterioration of the insulation.
J
HANDLING THE FPC
Do not forcibly bend or pull an FPC which has been mounted and
locked. This may cause discontinuities in the FPC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com