Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XH2
Description  Half-pitch Board-to-Board Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH2 Datasheet(HTML) 6 Page - Omron Electronics LLC

  XH2 Datasheet HTML 1Page - Omron Electronics LLC XH2 Datasheet HTML 2Page - Omron Electronics LLC XH2 Datasheet HTML 3Page - Omron Electronics LLC XH2 Datasheet HTML 4Page - Omron Electronics LLC XH2 Datasheet HTML 5Page - Omron Electronics LLC XH2 Datasheet HTML 6Page - Omron Electronics LLC XH2 Datasheet HTML 7Page - Omron Electronics LLC XH2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Half-pitch Board-to-Board Connectors
XH2
■ Accessories (Sold Separately)
(unit: mm)
■ Ordering Information
■ Mating Diagram (Vertical/Horizontal/Stacking)
Note: The function of the standard and reverse models is the same as that of the standard XC5 DIN Connector.
Model
No. of contacts
XH2A (for Plug)
XH2B (for Socket)
Model
Dimensions A (mm)
Model
Dimensions B (mm)
20
XH2T-2001
25
XH2T-2002
15
30
XH2T-3001
31
XH2T-3002
21
40
XH2T-4001
37
XH2T-4002
27
50
XH2T-5001
44
XH2T-5002
34
60
XH2T-6001
50
XH2T-6002
40
68
XH2T-6801
55
XH2T-6802
45
80
XH2T-8001
63
XH2T-8002
53
100
XH2T-0101
75
XH2T-0102
65
(unit: mm)
Vertical (standard) (See note.)
Vertical (reverse) (See note.)
Stacking
Horizontal
Dust Cover (material: ABS)
XH2T-
@@01 (for Plug)
XH2T-
@@02 (for Socket)
XH2T-
@@01 (Transparent for Plug)
XH2T-
@@02 (Blue for Socket)
Attach these Dust Covers to Connectors
that are not in use. They do not protect
the Connectors from flux during auto-
mated soldering.
Plug
XH2A
-
@@42
Socket
XH2B
-
@@41
Plug
XH2A
-
@@41
Socket
XH2B
-
@@42
Plug
XH2A
-
@@41
Socket
XH2B
-
@@41
Plug
XH2A-
@@42
Socket
XH2B-
@@42
Note: Order the following models in multiples of the minimum order.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com