Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XH2
Description  Half-pitch Board-to-Board Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XH2 Datasheet HTML 1Page - Omron Electronics LLC XH2 Datasheet HTML 2Page - Omron Electronics LLC XH2 Datasheet HTML 3Page - Omron Electronics LLC XH2 Datasheet HTML 4Page - Omron Electronics LLC XH2 Datasheet HTML 5Page - Omron Electronics LLC XH2 Datasheet HTML 6Page - Omron Electronics LLC XH2 Datasheet HTML 7Page - Omron Electronics LLC XH2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
XH2
Half-pitch Board-to-Board Connectors
1
Allows High-density Mounting for
Electronic Devices. A Half-Pitch
Connector with a 1.27-mm Pitch for
Compactness.
■ A pitch of 1.27 mm for high-density mounting of
double-row arrangements.
■ A quadruple-row staggered arrangement (1.27
mm x 1.905 mm) for board connection.
■ Leaf contact construction enables smooth mating
and resistance to bending.
■ Space saving mating length of 3.1 mm.
■ Press fitting assures long-term contact quality.
The gold/palladium plating has been improved for
better contact reliability.
■ A special finish improves flux resistance (Straight
Terminals only). Also it has fastening pins to stan-
dardize all the contacts.
■ Can be mounted to boards with screws.
■ The XH2 conforms to UL standards (file no.
E103202).
■ Not mated with XH3 and XH4 Half-pitch Connec-
tors.
■ Ratings and Characteristics
Note:
The contact resistance is for the XH2A-
@@42 combined
with the XH2B-
@@41.
■ Materials and Finish
RoHS Compliant
Rated current
0.5 A
Rated voltage
125 VAC
Contact resistance
(See note.)
30 m
Ω max. (20 mV max., 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
650 VAC for 1 min
(leakage current: 1 mA max.)
Total insertion force
0.78 N max. per contact
Total removal force
0.10 N min. per contact
Insertion durability
400 times
Ambient operating
temperature
−55 to 105°C (with no condensation or
icing)
Item
Type
Plug
Socket
Housing
PBT (UL94 V-0)/black
Locator
PBT (UL94 V-0)/black
Contact Mating
end
Phosphor bronze/nick-
el base, gold/palladi-
um plating
Phosphor bronze/
nickel base, gold/
palladium plating
Terminal Phosphor bronze/nick-
el base, tin plating
Phosphor bronze/
nickel base, tin plat-
ing
Fastening pins
Copper alloy/tin plating


Similar Part No. - XH2

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XH222 OKAYA-XH222 Datasheet
297Kb / 1P
NOISE SUPPRESSION CAPACITOR
XH222 OKAYA-XH222 Datasheet
80Kb / 1P
NOISE SUPPRESSION CAPACITOR
XH223 OKAYA-XH223 Datasheet
297Kb / 1P
NOISE SUPPRESSION CAPACITOR
XH223 OKAYA-XH223 Datasheet
80Kb / 1P
NOISE SUPPRESSION CAPACITOR
XH224 OKAYA-XH224 Datasheet
297Kb / 1P
NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Omron Electronics LLC
XH3 OMRON-XH3 Datasheet
1Mb / 10P
Half-pitch Board-to-Board Connectors
logo
AVX Corporation
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
0.4mm pitch/ Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
Board-to-board connectors
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com