Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XH2
Description  Half-pitch Board-to-Board Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XH2 Datasheet HTML 1Page - Omron Electronics LLC XH2 Datasheet HTML 2Page - Omron Electronics LLC XH2 Datasheet HTML 3Page - Omron Electronics LLC XH2 Datasheet HTML 4Page - Omron Electronics LLC XH2 Datasheet HTML 5Page - Omron Electronics LLC XH2 Datasheet HTML 6Page - Omron Electronics LLC XH2 Datasheet HTML 7Page - Omron Electronics LLC XH2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Half-pitch Board-to-Board Connectors
XH2
XH2A Plug, Straight DIP Terminals
■ Dimensions
(unit: mm)
■ Ordering Information
Note: Applicable board thickness is 1.6 mm.
Model
No. of
contacts
Plug/Straight DIP Terminals Plug/Straight DIP Terminals
with fastening pins (See note.)
20
XH2A-2041
XH2A-2041-A
30
XH2A-3041
XH2A-3041-A
40
XH2A-4041
XH2A-4041-A
50
XH2A-5041
XH2A-5041-A
60
XH2A-6041
XH2A-6041-A
68
XH2A-6841
XH2A-6841-A
80
XH2A-8041
XH2A-8041-A
100
XH2A-0141
XH2A-0141-A
Triangular mark
With fastening pins
(applicable board thickness: 1.6 mm)
30 or 50 contacts
Mounting holes
(bottom view)
30 or 50 contacts
20, 40, 60, 68, 80, or 100 contacts
Triangular mark
Reference
Reference
20, 40, 60, 68, 80, or 100 contacts
Two, 2.2
dia.
+0.1
0
0.8
dia.
+0.1
0
Two, 2.1 dia.
XH2A-
@@41 (Straight DIP Terminals)
Dimensions
Dimensions
(mm)
No. of
contacts
AB
CD
20
25.4
19.05 15.8
11.43
30
31.8
25.40 22.2
17.78
40
38.1
31.75 28.5
24.13
50
44.5
38.10 34.9
30.48
60
50.8
44.45 41.2
36.83
68
55.9
49.53 46.3
41.91
80
63.5
57.15 53.9
49.53
100
76.2
69.85 66.6
62.23
XH2A-
@@41-A (Straight DIP Terminals
with Fastening Pins)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com