Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP206G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP206G
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP206G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP206G Datasheet HTML 1Page - Toshiba Semiconductor TLP206G Datasheet HTML 2Page - Toshiba Semiconductor TLP206G Datasheet HTML 3Page - Toshiba Semiconductor TLP206G Datasheet HTML 4Page - Toshiba Semiconductor TLP206G Datasheet HTML 5Page - Toshiba Semiconductor TLP206G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP206G
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−MOS FET
TLP206G
PBX
Modem・FAX Card
Measurement Instrument
The TOSHIBA TLP206G consists of gallium arsenide infrared emitting
diode optically coupled to a photo−MOS FET in a 8 pin SOP.
The TLP206G is a 2−Form−A switch which is suitable for replacement of
mechanical relays in many application.
· SOP 8 pin (2.54SOP8): 2−Form−A
· Peak off−state voltage: 350V(min)
· Trigger LED current: 3mA(max)
· On−state current: 120mA(max)
· On−state resistance: 35Ω(max)
· Isolation voltage: 1500Vrms(min)
· UL recognized: UL1577, file no.E67349
· BSI approved: BS EN60065: 1994,certificate no.8273
BS EN60950: 1992,certificate no.8274
· SEMKO approved: SS EN60065
SS EN60950
· Option(V4)type
TUV approved: DIN VDE0884 / 06.92,
certificate No. R9850580
Schematic
Pin Configuration (top view)
1
2
1, 3: Anode
2, 4: Cathpde
5: Drain D1
6: Drain D2
7: Drain D3
8: Drain D4
3
4
6
5
7
8
1, 3
2, 4
6, 8
5, 7
87
12
65
34
2-Form-A
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
Weight: 0.2 g


Similar Part No. - TLP206G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G Datasheet
174Kb / 6P
Measurement Instrument
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
Measurement Instrumentation
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
PBX Modem-FAX Card Measurement Instrument
More results

Similar Description - TLP206G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com