Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM7 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XM7
Description  Small Interface Connectors That Conform to USB Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM7 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XM7 Datasheet HTML 2Page - Omron Electronics LLC XM7 Datasheet HTML 3Page - Omron Electronics LLC XM7 Datasheet HTML 4Page - Omron Electronics LLC XM7 Datasheet HTML 5Page - Omron Electronics LLC XM7 Datasheet HTML 6Page - Omron Electronics LLC XM7 Datasheet HTML 7Page - Omron Electronics LLC XM7 Datasheet HTML 8Page - Omron Electronics LLC XM7 Datasheet HTML 9Page - Omron Electronics LLC XM7 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
XM7
6
■Accessories (sold separately)
(Unit: mm)
●Dust cover (For XM7A Single A-type socket)
XM7Z-0001 (A type)
●Dust cover (For XM7B sockets)
XM7Z-0002 (B type)
Characteristics/Material
Note: Dust covers cannot be used for Double Stacked A-type sockets.
(14.7)
2.5
7.78
10.62
16
11
2.91
2
2.71
10.28
3.1
5.5
8.45
12.04
Contact No. 2
Contact No. 1
Contact No. 3
Contact No. 4
Contact No. 4
Contact No. 3
Contact No. 1
Contact No. 2
Contact
No. 3
Contact
No. 2
Contact
No. 1
Contact
No. 4
(15.2)
2±0.1
2.71±0.1
12.04±0.1
Two, 2.3 ±0.08 dia.
2.5±0.1
4.77±0.1
Four, 0.92 ±0.08 dia.
PCB Mounting Holes
(t = 1.6 mm, Bottom View)
XM7B-0442
Single B-type Socket
16.8
1.4
7.5
12.3
2.35
10
14.2
8
6.4
1.4
13
7.4
Ambient operating
temperature
−40 to 60°C
(with no icing or condensation)
Material
PE
Model
Applicable
Minimum ordering quantity
(pieces)
XM7Z-0001
XM7A (Single A-type Socket)
50
XM7Z-0002
XM7B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com