Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM7 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XM7
Description  Small Interface Connectors That Conform to USB Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM7 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XM7 Datasheet HTML 1Page - Omron Electronics LLC XM7 Datasheet HTML 2Page - Omron Electronics LLC XM7 Datasheet HTML 3Page - Omron Electronics LLC XM7 Datasheet HTML 4Page - Omron Electronics LLC XM7 Datasheet HTML 5Page - Omron Electronics LLC XM7 Datasheet HTML 6Page - Omron Electronics LLC XM7 Datasheet HTML 7Page - Omron Electronics LLC XM7 Datasheet HTML 8Page - Omron Electronics LLC XM7 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
XM7
2
XM7D USB 2.0 mini-USB Connectors
■Model Number Legend
■Ordering Information
●Sockets
* Please order by integer multiple of the quantity per reel.
■Ratings and Characteristics
■Materials and Finish
Appearance
Right-angle DIP terminals
Right-angle SMT terminals
Model
XM7D-0512
XM7D-0514
Minimum ordering quantity (pieces)
100/tray
50/stick
Model
−
XM7D-0514-R
Quantity per reel (pieces)*
−
500/reel*
XM7D-05 1
@-@
1
2
3
4
5
1 Type
D: mini-B-type socket
2 No. of Contacts
05: 5 contacts
3 Plating Specification
1: Gold plating
4 Terminal Shape
2: Right-angle DIP terminals
4: Right-angle SMT terminals
5 Special Specification
(Right-angle SMT Terminals Only)
Blank : Packaged on tray or stick
R
: Packaged on reel
Rated current
1 A
Rated voltage
30 VAC
Contact resistance
50 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
100 M
Ω min.
Dielectric strength
100 VAC for 1 min
(leakage current: 0.5 mA max.)
Insertion durability
5,000 times
Ambient operating temperature
0 to 50
°C (with no icing or condensation)
Housing
LCP/Black
Contacts
Mating end
Copper alloy/gold plating
Terminals
Copper alloy/tin plating
Shell
Copper alloy/nickel plating



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com