Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM7 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XM7
Description  Small Interface Connectors That Conform to USB Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM7 Datasheet(HTML) 5 Page - Omron Electronics LLC

  XM7 Datasheet HTML 1Page - Omron Electronics LLC XM7 Datasheet HTML 2Page - Omron Electronics LLC XM7 Datasheet HTML 3Page - Omron Electronics LLC XM7 Datasheet HTML 4Page - Omron Electronics LLC XM7 Datasheet HTML 5Page - Omron Electronics LLC XM7 Datasheet HTML 6Page - Omron Electronics LLC XM7 Datasheet HTML 7Page - Omron Electronics LLC XM7 Datasheet HTML 8Page - Omron Electronics LLC XM7 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
XM7
■Dimensions
(Unit: mm)
5.12
7.12
14.5
12.5
Contact No.1
Contact No.4
(15.6)
7
2
15.0
(0.5)
2.8
2.71 5.72
1.4±0.25
3.07±0.1
Two, 2.3±0.08 dia.
Four, 0.92±0.08 dia.
13.14±0.1
7.0±0.1
2.0±0.1
2.5±0.1
2.71±0.1
Contact No.4
Contact No.1
PCB Mounting Holes
(t = 1.6 mm, Bottom View)
XM7A-0441
Single A-type Socket
12.5
2
7
(16.2)
14.5
Contact No. 4
14.0
4.13
10.28
2.71
2.84 3.72
6.99
(11.4)
Contact No. 1
7.12 5.12
3.07±0.1
Two, 2.3 ±0.08 dia.
Four, 0.92 ±0.08 dia.
13.14±0.1
7.0±0.1
2.0±0.1
2.5±0.1
2.71±0.1
PCB Mounting Holes
(t = 1.6 mm, Bottom View)
Contact No. 4
Contact No. 1
XM7A-0442
Single A-type Socket
14.5
Top contact No. 1
Bottom contact No. 1
Top contact No. 4
Bottom contact No. 4
Bottom contact
Top contact No. 1
Top contact
Top contact No. 4
Bottom contact No. 1
Bottom contact No. 4
12.5
(19.9)
13.62
15.62
0.5
15.49
2.0±0.1
5.68±0.1
3.07±0.1
13.14±0.1
Four, 2.3 ±0.08 dia.
Eight, 0.92 ±0.08 dia.
5.33±0.1
2.71±0.1
7.0±0.1
3.72
2.84
2.71
5.33
5.68
10.28
16.96
8.5
5.12
2
7
(15.6)
5.12
PCB Mounting Holes
(t = 1.6 mm, Bottom View)
XM7A-0442-A
Double Stacked A-type Sockets



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com