Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM2S Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XM2S
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XM2S Datasheet HTML 2Page - Omron Electronics LLC XM2S Datasheet HTML 3Page - Omron Electronics LLC XM2S Datasheet HTML 4Page - Omron Electronics LLC XM2S Datasheet HTML 5Page - Omron Electronics LLC XM2S Datasheet HTML 6Page - Omron Electronics LLC XM2S Datasheet HTML 7Page - Omron Electronics LLC XM2S Datasheet HTML 8Page - Omron Electronics LLC XM2S Datasheet HTML 9Page - Omron Electronics LLC XM2S Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
D-sub Connectors
XM3/XM2S
XM3F Sockets with Straight DIP Terminals
Dimensions
Ordering Information
25-contact model shown on the left.
(No anchors or grounding fixtures)
25-contact model shown on the left.
(With Anchors and Grounding Fixtures)
Mounting holes (t = 1.6 mm, bottom view)
N
N-1
2
1
N-1
N
12
2
1
N
N-1
12
N
N-1
1
2
N-1
N
3.2
9
7
6.1
0.3
0.5
Two, 3.1 dia.
B
A
C
F
D
E
G
12.5 7.9
2.84
0.5
0.7
3.2
2.8
9
7
6.8
6.1
0.3
M2.6×0.45
Anchor
Lock Pin
Grounding
Fixture
B
A
C
F
D
E
G
12.5 7.9
6
5
0.5
0.7
C±0.1
F±0.1
F±0.1
E±0.1
B±0.1
(D)
2.84
Two, 3.2±0.1 dia.
1±0.1 dia.
H
H
2.84
XM3F-
@@20
No. of
contacts
ABC
D
E
F
G
H
9
30.7
24.99
10.98
1.37
8.22
2.74
19.00
16.33
15
39.0
33.32
19.20
1.37
16.44
2.74
27.12
24.66
25
52.9
47.04
33.12
1.38
30.36
2.76
41.04
38.38
37
69.2
63.50
49.68
1.38
46.92
2.76
57.60
54.84
(unit:mm)
XM3F-
@@20-112
Appearance
No. of
contacts
No anchors or Grounding Fixtures
Anchors and Lock Pin Grounding Fixtures
9
XM3F-0920
XM3F-0920-112
15
XM3F-1520
XM3F-1520-112
25
XM3F-2520
XM3F-2520-112
37
XM3F-3720
XM3F-3720-112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com