Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM2S Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XM2S
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XM2S Datasheet HTML 6Page - Omron Electronics LLC XM2S Datasheet HTML 7Page - Omron Electronics LLC XM2S Datasheet HTML 8Page - Omron Electronics LLC XM2S Datasheet HTML 9Page - Omron Electronics LLC XM2S Datasheet HTML 10Page - Omron Electronics LLC XM2S Datasheet HTML 11Page - Omron Electronics LLC XM2S Datasheet HTML 12Page - Omron Electronics LLC XM2S Datasheet HTML 13Page - Omron Electronics LLC XM2S Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
D-sub Connectors
XM3/XM2S
Accessories for XM3 (Sold Separately)
■ XM2T Dust Covers for Sockets
■ XM2Z Anchors
Note: 2 anchors are necessary per connector. Anchors are not packaged in pairs.
Dust Cover holding ring
0.9 dia.
With Retaining Ring
XM2T-
@@01
No. of
contacts
ABC
D
Model
9
17.7
16.3
8
68
XM2T-0901
15
26.1
24.7
10
77
XM2T-1501
25
39.8
38.4
15
120
XM2T-2501
37
56.2
54.8
18
135
XM2T-3701
Without Retaining Ring
XM2T-
@@01-0
No. of
contacts
ABC
Model
9
17.7
16.3
8
XM2T-0901-0
15
26.1
24.7
10
XM2T-1501-0
25
39.8
38.4
15
XM2T-2501-0
37
56.2
54.8
18
XM2T-3701-0
XM2T Rating and Material
Operating Temperature
−25°C to 85°C
Material
Polyamide resin
Materials and Finish
Zinc die-cast/nickel plated
Part A
Female screw
(Mates with lock
screw and
mounting screw)
M2.6
× 0.45
M3
× 0.5
#4-40 UNC
Female screw
(Mates with lock screw)
M3
× 0.5
Materials and Finish
Iron/nickel plated
5
Anchor 1 (Rectangular)
XM2Z-000
@
Thread Type
Model
M2.6 x 0.45 metric screw XM2Z-0001
M3 x 0.5 metric screws
XM2Z-0002
#4-40 UNC inch screws
XM2Z-0003
Anchor 2 (Hexagonal)
XM2Z-001
@
Thread Type
Model
M2.6 x 0.45 metric screw XM2Z-0011
M3 x 0.5 metric screws
XM2Z-0012
#4-40 UNC inch screws
XM2Z-0013
Female screw
(mates with lock screw)
M3
× 0.5
Materials and Finish
Iron/nickel plated
5
Anchor 3 (Hexagonal)
XM2Z-002
@
Thread Type
Model
M2.6 x 0.45 metric screw XM2Z-0021
M3 x 0.5 metric screws
XM2Z-0022
#4-40 UNC inch screws
XM2Z-0023
Note: When using a Dust Cover, secure the
holding ring at part A.
Note: Anchor 3 is used for panel mounting
connectors. Applicable cable panel
thickness is 0.6 to 1.3 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com