Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM2S Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XM2S
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S Datasheet(HTML) 5 Page - Omron Electronics LLC

  XM2S Datasheet HTML 1Page - Omron Electronics LLC XM2S Datasheet HTML 2Page - Omron Electronics LLC XM2S Datasheet HTML 3Page - Omron Electronics LLC XM2S Datasheet HTML 4Page - Omron Electronics LLC XM2S Datasheet HTML 5Page - Omron Electronics LLC XM2S Datasheet HTML 6Page - Omron Electronics LLC XM2S Datasheet HTML 7Page - Omron Electronics LLC XM2S Datasheet HTML 8Page - Omron Electronics LLC XM2S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
D-sub Connectors
XM3/XM2S
5
XM3C Plugs with Right-angle DIP Terminals
Dimensions
Ordering Information
Note: 1. Use the XM3C-
@@22 (No anchors or grounding fixtures) in combination with suitable Anchors and Grounding Fixtures.
2. Two M3 x 0.5 Tap Hole Grounding Fixtures and an M3 x 0.5 Lock Pin Grounding Fixture for the Anchor Side are provided.
3. XM3C-
@@22-@3@ versions with Inch Screws are also available.
25-contact model shown above.
(No Anchor or Grounding Fixtures)
Mounting holes (t = 1.6 mm, bottom view)
1
2
N-1
N
E
B
3.3
2.84
3.6
12.5
18.5
3.0
9.6
5.9
0.3
3.2
6.25
8.35
D
C
B
A
G
F
Two, 3.1 dia.
12
N-1 N
B±0.1
D±0.1
E±0.1
2.84±0.1
15.5
3.0
9.9
F±0.1
F±0.1
1±0.1 dia.
Two, 3.2±0.1 dia.
XM3C-
@@22-@@@
No. of
contacts
ABCD
E
F
G
9
30.8
24.99
16.91
10.96
8.22
2.74
1.37
15
39.1
33.32
25.25
19.18
16.44
2.74
1.37
25
53.0
47.04
38.96
33.12
30.36
2.76
1.38
37
69.3
63.50
55.42
49.68
46.92
2.76
1.38
Note: XM3C Sockets were manufactured in accordance with JIS X 5101. Terminal pitches are a mixed arrangement of 2.77 and 2.74 mm con-
tacts on 25 and 37 contact models as specified in the JIS standard. A pitch of 2.76 mm is recommended for the mounting holes because
of the more advanced numerical control available today. This is sufficient to avoid any problems.
(unit:mm)
Appearance
Accessories
No. of
contacts
XM2Z-0011 Anchor 2
(M2.6
× 0.45 metric screws)
Tap Hole Grounding Fixtures
Lock Pin Grounding Fixtures
9
XM3C-0922-111
XM3C-0922-112
15
XM3C-1522-111
XM3C-1522-112
25
XM3C-2522-111
XM3C-2522-112
37
XM3C-3722-111
XM3C-3722-112
Appearance
Accessories
No. of
contacts
No anchors
---
Tap Hole Grounding Fixtures
Lock Pin Grounding Fixtures
9
XM3C-0922
XM3C-0922-501
XM3C-0922-502
15
XM3C-1522
XM3C-1522-501
XM3C-1522-502
25
XM3C-2522
XM3C-2522-501
XM3C-2522-502
37
XM3C-3722
XM3C-3722-501
XM3C-3722-502
Anchor 2
Tap Hole Grounding Fixture
Anchor 2
Lock Pin Grounding Fixture
Tap Hole Grounding Fixture
Lock Pin Grounding Fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com