Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP281 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP281
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP281 Datasheet HTML 1Page - Toshiba Semiconductor TLP281 Datasheet HTML 2Page - Toshiba Semiconductor TLP281 Datasheet HTML 3Page - Toshiba Semiconductor TLP281 Datasheet HTML 4Page - Toshiba Semiconductor TLP281 Datasheet HTML 5Page - Toshiba Semiconductor TLP281 Datasheet HTML 6Page - Toshiba Semiconductor TLP281 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP281,TLP281-4
2002-06-27
2
MAXIMUM RATINGS (Ta = 25℃
℃
℃
℃)
RATING
CHARACTERISTIC
SYMBOL
TLP281
TLP281−4
UNIT
Forward Current
IF
50
mA
Forward Current Derating
∆IF /°C
−0.7 (Ta≥53°C)
−0.5 (Ta≥25°C)
mA /°C
Pulse Forward Current
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Collector Power Dissipation
(1 Circuit)
PC
150
100
mW
Collector Power Dissipation
Derating(Ta≥25°C) (1 Circuit)
∆PC /°C
−1.5
−1.0
mW /°C
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−55~100
°C
Storage Temperature Range
Tstg
−55~125
°C
Lead Soldering Temperature
Tsol
260 (10s)
°C
Total Package Power Dissipation
(1 Circuit)
PT
200
170
mW
Total Package Power Dissipation
Derating (Ta≥25°C) (1 Circuit)
∆PT /°C
−2.0
−1.7
mW /°C
Isolation Voltage
(Note1)
BVS
2500(AC,1min,R.H.≤60%)
Vrms
(Note1)Device considered a two terminal device : LED side pins shorted together and
DETECTOR side pins shorted together.
INDIVIDUAL ELECTRICAL CHARACTERISTICS (Ta = 25℃
℃
℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
—
—
10
µA
Capacitance
CT
V = 0, f = 1 MHz
—
30
—
pF
Collector-Emitter
Breakdown Voltage
V(BR) CEO
IC = 0.5 mA
80
—
—
V
Emitter-Collector
Breakdown Voltage
V(BR) ECO
IE = 0.1 mA
7
—
—
V
VCE = 48 V,
Ambient Light Below
(100 ℓx)
—
0.01
(2)
0.1
(10)
µA
Collector Dark Current
(Note2)
ICEO
VCE = 48 V, Ta = 85°C
Ambient Light Below
(100 ℓx)
—
2
(4)
50
(50)
µA
Capacitance
(Collector to Emitter)
CCE
V = 0, f = 1 MHz
—
10
—
pF
(Note 2) Because of the construction,leak current might be increased by ambient light.
Please use photocoupler with less ambient light.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com