Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP281 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP281
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP281 Datasheet HTML 1Page - Toshiba Semiconductor TLP281 Datasheet HTML 2Page - Toshiba Semiconductor TLP281 Datasheet HTML 3Page - Toshiba Semiconductor TLP281 Datasheet HTML 4Page - Toshiba Semiconductor TLP281 Datasheet HTML 5Page - Toshiba Semiconductor TLP281 Datasheet HTML 6Page - Toshiba Semiconductor TLP281 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP281,TLP281-4
2002-06-27
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281,TLP281-4
PROGRAMMABLE CONTROLLERS
AC/DC-INPUT MODULE
PC CARD MODEM(PCMCIA)
TLP281 and TLP281-4 is a very small and thin coupler,suitable
for surface mount assembly in applications such as PCMCIA Fax
modem,programmable controllers.
TLP281 and TLP281-4 consist of photo transistor,optically coupled
to a gallium arsenide infrared emitting diode.
l Collector-Emitter Voltage
: 80 V (MIN)
l Current Transfer Ratio
: 50% (MIN)
Rank GB
: 100% (MIN)
l Isolation Voltage
: 2500 Vrms (MIN)
l UL Recognized
: UL1577 , File No. E67349
l BSI Approved
: BS EN 60065: 1994,
: BS EN 41003: 1997
Certificate No. 8143, 8144
PIN CONFIGURATION(Top view)
1:ANODE
2:CATHODE
3:EMITTER
4:COLLECTOR
1,3,5,7
:ANODE
2,4,6,8
:CATHODE
9,11,13,15 :EMITTER
10,12,14,16 :COLLECTOR
1
2
4
3
8
9
TLP281
TLP281-4
1
2
3
4
5
6
7
10
11
12
13
14
15
16
TOSHIBA
Weight: 0.05 g
TOSHIBA
Weight: 0.19 g
Unit in mm
Unit in mm


Similar Part No. - TLP281

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
271Kb / 8P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

Similar Description - TLP281

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com