Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP281 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP281
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP281 Datasheet HTML 1Page - Toshiba Semiconductor TLP281 Datasheet HTML 2Page - Toshiba Semiconductor TLP281 Datasheet HTML 3Page - Toshiba Semiconductor TLP281 Datasheet HTML 4Page - Toshiba Semiconductor TLP281 Datasheet HTML 5Page - Toshiba Semiconductor TLP281 Datasheet HTML 6Page - Toshiba Semiconductor TLP281 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP281,TLP281-4
2002-06-27
3
COUPLED ELECTRICAL CHARACTERISTICS (Ta = 25℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
50
600
Current Transfer Ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector-Emitter
Saturation Voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Off-State Collector Current
IC (off)
VF = 0.7 V, VCE = 48 V
10
µA
ISOLATION CHARACTERISTICS (Ta = 25℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance
(Input to Output)
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation Resistance
RS
VS = 500 V, R.H.≤60%
5×10
10
10
14
AC , 1 minute
2500
AC , 1 second,in OIL
5000
Vrms
Isolation Voltage
BVS
DC , 1 minute, in OIL
5000
Vdc
SWITCHING CHARACTERISTICS (Ta = 25℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Rise Time
tr
2
Fall Time
tf
3
Turn-On Time
ton
3
Turn-Off Time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
3
µs
Turn-On Time
tON
2
Storage Time
ts
25
Turn-Off Time
tOFF
RL = 1.9 kΩ (Fig.1)
VCC = 5 V, IF = 16 mA
40
µs
(Fig.1)SWITCHING TIME TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com