Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS006N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT05MS006N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT05MS006N Datasheet HTML 1Page - NXP Semiconductors AFT05MS006N Datasheet HTML 2Page - NXP Semiconductors AFT05MS006N Datasheet HTML 3Page - NXP Semiconductors AFT05MS006N Datasheet HTML 4Page - NXP Semiconductors AFT05MS006N Datasheet HTML 5Page - NXP Semiconductors AFT05MS006N Datasheet HTML 6Page - NXP Semiconductors AFT05MS006N Datasheet HTML 7Page - NXP Semiconductors AFT05MS006N Datasheet HTML 8Page - NXP Semiconductors AFT05MS006N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AFT05MS006NT1
5
RF Device Data
Freescale Semiconductor, Inc.
520 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 4. AFT05MS006NT1 Narrowband Test Circuit Component Layout — 520 MHz
B1
C1
C2
C3
C4
C8
R6
R1
R2
R3
R4
R5
C9
C5
C6 C7
L1
L2
C15
C16
C10
C17
C14
C13
C12
C11
AFT05MS006N
Rev. 0
D53508
VDD
VGG
Table 6. AFT05MS006NT1 Narrowband Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1
Short RF Bead
2743019447
Fair--Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C13
0.1 F Chip Capacitors
CDR33BX104AKWS
AVX
C3, C12
0.01 F Chip Capacitors
C0805C103K5RAC
Kemet
C4, C11
180 pF Chip Capacitors
ATC100B181JT300XT
ATC
C5
9.1 pF Chip Capacitor
ATC100B9R1CT500XT
ATC
C6, C7
15 pF Chip Capacitors
ATC100B150JT500XT
ATC
C8, C9
27 pF Chip Capacitors
ATC100B270JT500XT
ATC
C10
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C14
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16--RH
Multicomp
C15, C16
20 pF Chip Capacitors
ATC100B200JT500XT
ATC
C17
16 pF Chip Capacitor
ATC100B160JT500XT
ATC
L1
8.0 nH, 3 Turn Inductor
A03TKLC
Coilcraft
L2
5 nH, 2 Turn Inductor
A02TKLC
Coilcraft
R1, R2, R3, R4, R5
1.5 , 1/4 W Chip Resistors
RC1206FR--071R5L
Yageo
R6
27 , 1/4 W Chip Resistor
CRCW120627R0FKEA
Vishay
PCB
Rogers RO4350B, 0.030, r =3.66
D53508
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com