Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS006N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFT05MS006N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006N Datasheet(HTML) 1 Page - NXP Semiconductors

  AFT05MS006N Datasheet HTML 1Page - NXP Semiconductors AFT05MS006N Datasheet HTML 2Page - NXP Semiconductors AFT05MS006N Datasheet HTML 3Page - NXP Semiconductors AFT05MS006N Datasheet HTML 4Page - NXP Semiconductors AFT05MS006N Datasheet HTML 5Page - NXP Semiconductors AFT05MS006N Datasheet HTML 6Page - NXP Semiconductors AFT05MS006N Datasheet HTML 7Page - NXP Semiconductors AFT05MS006N Datasheet HTML 8Page - NXP Semiconductors AFT05MS006N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AFT05MS006NT1
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFET
Designed for handheld two--way radio applications with frequencies from
136 to 941 MHz. The high gain, ruggedness and wideband performance of this
device make it ideal for large--signal, common--source amplifier applications in
handheld radio equipment.
Narrowband Performance (7.5 Vdc, IDQ = 100 mA, TA =25C, CW)
Frequency
(MHz)
Gps
(dB)
D
(%)
Pout
(W)
520 (1)
18.3
73.0
6.0
Wideband Performance (7.5 Vdc, TA =25C, CW)
Frequency
(MHz)
Pin
(W)
Gps
(dB)
D
(%)
Pout
(W)
136–174
0.19
15.5
60.0
6.0
440--520 (2)
0.15
16.3
65.0
6.4
760--870 (3)
0.20
15.2
58.5
6.7
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test
Voltage
Result
520 (1)
CW
> 65:1 at all
Phase Angles
0.12
(3 dB Overdrive)
10.8
No Device
Degradation
1. Measured in 520 MHz narrowband test circuit.
2. Measured in 440–520 MHz UHF broadband reference circuit.
3. Measured in 760–870 MHz UHF broadband reference circuit.
Features
 Characterized for Operation from 136 to 941 MHz
 Unmatched Input and Output Allowing Wide Frequency Range Utilization
 Integrated ESD Protection
 Integrated Stability Enhancements
 Wideband — Full Power Across the Band
 Exceptional Thermal Performance
 Extreme Ruggedness
 High Linearity for: TETRA, SSB
 In Tape and Reel. T1 Suffix = 1,000 Units, 16 mm Tape Width, 7--inch Reel.
Typical Applications
 Output Stage VHF Band Handheld Radio
 Output Stage UHF Band Handheld Radio
 Output Stage for 700–800 MHz Handheld Radio
Document Number: AFT05MS006N
Rev. 0, 2/2014
Freescale Semiconductor
Technical Data
136–941 MHz, 6.0 W, 7.5 V
WIDEBAND
RF POWER LDMOS TRANSISTOR
AFT05MS006NT1
PLD--1.5W
Figure 1. Pin Connections
Note: The center pad on the backside of
the package is the source terminal
for the transistor.
Drain
Gate
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - AFT05MS006N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFT05MS003N NXP-AFT05MS003N Datasheet
1Mb / 20P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 8/2015
AFT05MS004N NXP-AFT05MS004N Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT05MS004NT1 NXP-AFT05MS004NT1 Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - AFT05MS006N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
AFT05MS003N NXP-AFT05MS003N Datasheet
1Mb / 20P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 8/2015
AFT05MS004N NXP-AFT05MS004N Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFT09MS007N NXP-AFT09MS007N Datasheet
1Mb / 28P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 4/2014
AFT09MS015N NXP-AFT09MS015N Datasheet
861Kb / 18P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 7/2014
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com