Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS006N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AFT05MS006N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AFT05MS006N Datasheet HTML 7Page - NXP Semiconductors AFT05MS006N Datasheet HTML 8Page - NXP Semiconductors AFT05MS006N Datasheet HTML 9Page - NXP Semiconductors AFT05MS006N Datasheet HTML 10Page - NXP Semiconductors AFT05MS006N Datasheet HTML 11Page - NXP Semiconductors AFT05MS006N Datasheet HTML 12Page - NXP Semiconductors AFT05MS006N Datasheet HTML 13Page - NXP Semiconductors AFT05MS006N Datasheet HTML 14Page - NXP Semiconductors AFT05MS006N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AFT05MS006NT1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 440--520 MHz UHF BROADBAND
REFERENCE CIRCUIT
420
Gps
f, FREQUENCY (MHz)
Figure 11. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Input Power
12
20
5
90
80
70
60
8
7
6
D
19
17
13
460
500
520
50
VDD =7.5 Vdc
Pin =0.15 W
IDQ = 100 mA
Pout
18
16
15
14
480
440
540
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 12. Output Power versus Gate--Source Voltage
12
1
2
3
4
10
2
8
4
f = 480 MHz
VDD =7.5 Vdc, Pin =0.08 W
0
0
Detail A
1
2
f = 480 MHz
Detail A
VDD =7.5 Vdc
Pin =0.08 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
6
VDD =7.5 Vdc, Pin =0.16 W
0.2
VDD =7.5 Vdc
Pin =0.16 W
2.5
1.5
0.5
0.4
0.6
0.8
1.2
1.0
5
Figure 13. Power Gain, Drain Efficiency and Output
Power versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
12
15
14
0.01
1
Gps
8
10
0
4
18
17
16
19
40
70
80
0.1
Pout
VDD =7.5 Vdc
IDQ = 100 mA
13
520 MHz
480 MHz
440 MHz
440 MHz
520 MHz
480 MHz
D
480 MHz
520 MHz
20
21
11
10
60
50
30
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com