Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EAM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSS901EAM
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EAM Datasheet(HTML) 1 Page - ATMEL Corporation

  TSS901EAM Datasheet HTML 1Page - ATMEL Corporation TSS901EAM Datasheet HTML 2Page - ATMEL Corporation TSS901EAM Datasheet HTML 3Page - ATMEL Corporation TSS901EAM Datasheet HTML 4Page - ATMEL Corporation TSS901EAM Datasheet HTML 5Page - ATMEL Corporation TSS901EAM Datasheet HTML 6Page - ATMEL Corporation TSS901EAM Datasheet HTML 7Page - ATMEL Corporation TSS901EAM Datasheet HTML 8Page - ATMEL Corporation TSS901EAM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev. C – 24-Aug-01
1
Features
• 3 identical bidirectional link channels allowing full duplex communication under
selectable transmit rate from 1.25 up to 200 Mbit/s in each direction
• A COmmunication Memory Interface (COMI) provides autonomous accesses to a
communication memory which are controlled by an arbitration unit, allowing two
TSS901E to share one Dual Port Ram without external arbitration
• The scalable databus width (8/16/32 bit) allows flexible integration with any CPU type
• Little or big endian mode is configurable
• AHOst Control Interface (HOCI) gives read/write accesses to the TSS901E
configuration registers and to the DS-link channels for the controlling CPU
• Device control via one of the three links allows its use in systems without a local
controller
• Link disconnect detection and parity check at token (data and control) level; possible
checksum generation for packet level check
• Power saving mode relying on automatic transmit rate reduction
• Auser’s manual of the TSS901E (also called SMCS332) is available at:
http://www.omimo.be/companies/dasa_000.htm
• Designed on Atmel MG1140E matrix and packaged into MQFPL196
Description and Applications
The TSS901E provides an interface between a Data-Strobe link - according to the
IEEE Std 1355-1995 specification carrying a simple interprocessor communication
protocol - and a data processing node consisting of a CPU and a communication and
data memory.
The TSS901E offers hardware supported execution of the major parts of the interpro-
cessor communication protocol: data transfer between two nodes of a multi-processor
system is performed with minimal host CPU intervention. The TSS901E can execute
simple commands to provide basic features for system control functions; a provision of
fault tolerant features exists as well.
Although the TSS901E initial exploitation is for use in multi-processor systems where
the high speed links standardisation is an important issue and where reliability is a
requirement, it could be used in applications such as heterogeneous systems or mod-
ules without any communication feature like special image compression chips, some
signal processors, application specific programmable logic or mass memory.
The TSS901E may also be used in single board systems where standardised high
speed interfaces are needed and systems containing "non-intelligent" modules such
as A/D-converter or sensor interfaces which can be assembled with the TSS901E
thanks to the "control by link" feature.
Tripple Point to
Point IEEE 1355
High Speed
Controller
TSS901E


Similar Part No. - TSS901EAM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS901E ATMEL-TSS901E Datasheet
441Kb / 31P
Triple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E Datasheet
442Kb / 31P
Little or big endian mode is configurable
TSS901EMA-E ATMEL-TSS901EMA-E Datasheet
441Kb / 31P
Triple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
Triple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_14 Datasheet
442Kb / 31P
Little or big endian mode is configurable
More results

Similar Description - TSS901EAM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906E ATMEL-T7906E Datasheet
339Kb / 42P
Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_07 Datasheet
1,009Kb / 43P
Single Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
Triple Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_14 Datasheet
555Kb / 43P
Single Point to Point IEEE 1355 High Speed Controller
AT7912F ATMEL-AT7912F_14 Datasheet
361Kb / 21P
Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com