Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EAM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TSS901EAM
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EAM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TSS901EAM Datasheet HTML 2Page - ATMEL Corporation TSS901EAM Datasheet HTML 3Page - ATMEL Corporation TSS901EAM Datasheet HTML 4Page - ATMEL Corporation TSS901EAM Datasheet HTML 5Page - ATMEL Corporation TSS901EAM Datasheet HTML 6Page - ATMEL Corporation TSS901EAM Datasheet HTML 7Page - ATMEL Corporation TSS901EAM Datasheet HTML 8Page - ATMEL Corporation TSS901EAM Datasheet HTML 9Page - ATMEL Corporation TSS901EAM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TSS901E
Rev. C – 24-Aug-01
Fault Tolerance
The IEEE Std 1355-1995 specifies low level checks as link disconnect detection and
parity check at token level. The TSS901E provides, through the Protocol Processing
Unit, features to reset a link or all links inside the TSS901E, to reset the local CPU or to
send special signals to the CPU commanded via the links.
Additionally it is possible to enable a checksum coder/decoder to have fault detection
capabilities at packet level.
Applications
The TSS901E is a very high speed, scalable link-interface chip with fault tolerance fea-
tures. The initial exploitation is for use in multi-processor systems where the
standardisation or the high speed of the links is an important issue and where reliability
is a requirement. Further application examples are heterogeneous systems or modules
without any communication features as special image compression chips, certain signal
processors (TSC21020F, ERC32, ...), application specific programmable logic or mass
memory.
The TSS901E could also be used for single board systems where standardised high
speed interfaces are needed. Even "non-intelligent" modules such as A/D-converter or
sensor interfaces can be assembled with the TSS901E because of the "control by link"
feature. The complete control of the TSS901E can be done via link from a central con-
troller-node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com