Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EAM Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TSS901EAM
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EAM Datasheet(HTML) 2 Page - ATMEL Corporation

  TSS901EAM Datasheet HTML 1Page - ATMEL Corporation TSS901EAM Datasheet HTML 2Page - ATMEL Corporation TSS901EAM Datasheet HTML 3Page - ATMEL Corporation TSS901EAM Datasheet HTML 4Page - ATMEL Corporation TSS901EAM Datasheet HTML 5Page - ATMEL Corporation TSS901EAM Datasheet HTML 6Page - ATMEL Corporation TSS901EAM Datasheet HTML 7Page - ATMEL Corporation TSS901EAM Datasheet HTML 8Page - ATMEL Corporation TSS901EAM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TSS901E
Rev. C – 24-Aug-01
Introduction
The TSS901E provides an interface between a Data-Strobe link according to the IEEE
Std 1355-1995 specification carrying the simple interprocessor communication proto-
col (1) and a data processing node consisting of a CPU and communication and data
memory. The TSS901E provides HW supported execution of the major parts of the sim-
ple interprocessor communication protocol, particularly:
•
transfer of data between two modes of a multi-processor system with minimal host
CPU intervention,
•
execution of simple commands to provide basic features for system control
functions,
•
provision of fault tolerant features.
However, with disabling of features such as the protocol handling or with reduction of
the transmit rate (TSS901E automatically reduces transmit rate for sending null tokens)
also low power usage is supported.
Figure 1. TSS901E Block Diagram
Target applications are heterogeneous multi-processor systems supported by scalable
interfaces including the little/big endian swapping. The TSS901E connects modules with
different processors (e.g. TSC21020F, ERC32, TSC695E and others). Any kind of net-
work topology could be realized through the high speed point-to-point IEEE1355-links
(see chapter Applications).
1.
Rastetter P. et.al., Simple Interprocessor Communication Protocol Specification, DIP-
SAPII-DAS-31-01, Issue 3, 08.10.96, also available on the same web site as the users
guide.
Receive
Transmit
DS
macro
cell
Channel 2
RX1_DS
TX1_DS
RX2_DS
TX2_DS
Channel 1
JTAG
COMI
HOCI
PRCI
Test
CADR
CCTRL
CDATA
HADR
HCTRL
HDATA
HINT
RCPU
SES
UTIL
Protocol
Channel 3
RX3_DS
TX3_DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com