Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASC Datasheet(PDF) 15 Page - ATMEL Corporation

Part # TSS901EASC
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASC Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button TSS901EASC Datasheet HTML 11Page - ATMEL Corporation TSS901EASC Datasheet HTML 12Page - ATMEL Corporation TSS901EASC Datasheet HTML 13Page - ATMEL Corporation TSS901EASC Datasheet HTML 14Page - ATMEL Corporation TSS901EASC Datasheet HTML 15Page - ATMEL Corporation TSS901EASC Datasheet HTML 16Page - ATMEL Corporation TSS901EASC Datasheet HTML 17Page - ATMEL Corporation TSS901EASC Datasheet HTML 18Page - ATMEL Corporation TSS901EASC Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
TSS901E
Rev. C – 24-Aug-01
TCK
I
Test Clock. Provides an asynchronous clock for JTAG boundary
scan.
TMS
I
Test Mode Select. Used to control the test state machine.
TDI
I
Test Data Input. Provides serial data for the boundary scan
logic.
TDO
O/Z
Test Data Output. Serial scan output of the boundary scan
path.
350
RESET*
I
TSS901E Reset. Sets the TSS901E to a known state. This
input must be asserted (low) at power-up. The minimum width
of RESET low is 5 cycles of CLK10 in parallel with CLK
running.
CLK
I
External clock input to TSS901E (max. 25 Mhz).
Must be derived from RAM access time.
CLK10
I
External clock input to TSS901E DS-links (application specific,
nominal 10 Mhz). Used to generate to transmission speed and
link disconnect timeout.
PLLOUT
O
Output of internal PLL. Used to connect a network of external
RC devices.
VCC
Power Supply
GND
Ground
Signal Name
Type
Function
max. output
current [mA]
load [pF]
L
tCKH
tCKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com