Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASC Datasheet(PDF) 16 Page - ATMEL Corporation

Part # TSS901EASC
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASC Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button TSS901EASC Datasheet HTML 12Page - ATMEL Corporation TSS901EASC Datasheet HTML 13Page - ATMEL Corporation TSS901EASC Datasheet HTML 14Page - ATMEL Corporation TSS901EASC Datasheet HTML 15Page - ATMEL Corporation TSS901EASC Datasheet HTML 16Page - ATMEL Corporation TSS901EASC Datasheet HTML 17Page - ATMEL Corporation TSS901EASC Datasheet HTML 18Page - ATMEL Corporation TSS901EASC Datasheet HTML 19Page - ATMEL Corporation TSS901EASC Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
TSS901E
Rev. C – 24-Aug-01
Electrical Specifications
The following data is provided for information only; for the guaranteed values, refer to
Atmel procurement specification.
Absolute Maximum Ratings
Stresses above those listed may cause permanent damage to the device.
DC Electrical Characteristics
Specified at V
CC = + 5 V ± 10% (TSS901E will only work with 5V)
Although specified for TTL outputs, all TSS901E outputs are CMOS compatible and will
drive to VCC and GND assuming no dc loads.
Max. power consumption figures (at 5.5V, 125°C) are:
Parameter
Symbol
Value
Unit
Supply Voltage
V
CC
-0.5 to +7
V
I/O Voltage
-0.5 to VCC + 0.5
V
Operating Temperature Range (Ambient)
T
A
-55 to +125
°
C
Junction Temperature
T
J
T
J < TA +20
°
C
Storage Temperature Range
T
stg
-65 to +150
°
C
Parameter
Symbol
Min.
Max.
Unit
Conditions
Operating Voltage
V
CC
4.5
5.5
V
Input HIGH Voltage
V
IH
2.0
V
Input LOW Voltage
V
IL
0.8
V
Output HIGH Voltage
V
OH
2.4
V
max. output current
Output LOW Voltage
V
OL
0.4
V
max. output current
Output Short circuit current
I
OS
160
130
mA
mA
V
OUT = VCC
V
OUT = GND
Operation Mode
Power consumption [mA]
not clocked
5
TSS901E in RESET
45
TSS901E in IDLE
70
Maximum
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com