Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS901EASC Datasheet(PDF) 18 Page - ATMEL Corporation

Part # TSS901EASC
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASC Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button TSS901EASC Datasheet HTML 14Page - ATMEL Corporation TSS901EASC Datasheet HTML 15Page - ATMEL Corporation TSS901EASC Datasheet HTML 16Page - ATMEL Corporation TSS901EASC Datasheet HTML 17Page - ATMEL Corporation TSS901EASC Datasheet HTML 18Page - ATMEL Corporation TSS901EASC Datasheet HTML 19Page - ATMEL Corporation TSS901EASC Datasheet HTML 20Page - ATMEL Corporation TSS901EASC Datasheet HTML 21Page - ATMEL Corporation TSS901EASC Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
TSS901E
Rev. C – 24-Aug-01
Timing Parameters
Clock Signals
Note:
1) Max. 25 MHz
Note:
1) Typically 10 MHz
Description
Symbol
Min.
Max.
Unit
CLK period 1)
t
CLK
40
ns
CLK width high
t
CLKH
17
ns
CLK width low
t
CLKL
17
ns
Description
Symbol
Min.
Max.
Unit
CLK10 period
1)
tCLK10
100
100
ns
CLK10 width high
tCLK10H
40
ns
CLK10 width low
tCLK10L
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com