Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 2Page - ON Semiconductor LMV393DMR2G Datasheet HTML 3Page - ON Semiconductor LMV393DMR2G Datasheet HTML 4Page - ON Semiconductor LMV393DMR2G Datasheet HTML 5Page - ON Semiconductor LMV393DMR2G Datasheet HTML 6Page - ON Semiconductor LMV393DMR2G Datasheet HTML 7Page - ON Semiconductor LMV393DMR2G Datasheet HTML 8Page - ON Semiconductor LMV393DMR2G Datasheet HTML 9Page - ON Semiconductor LMV393DMR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LMV331, NCV331, LMV393, LMV339
www.onsemi.com
6
TYPICAL CHARACTERISTICS
(VCC = 5.0 V, TA = 25°C, RL = 5 kW unless otherwise specified)
0
5
10
15
20
25
30
0
1
2
345
SUPPLY VOLTAGE (V)
Figure 3. Supply Current vs. Supply Voltage
(Output High)
25
°C
−40
°C
85
°C
0
10
20
50
01
2
3
45
SUPPLY VOLTAGE (V)
Figure 4. Supply Current vs. Supply Voltage
(Output Low)
85
°C
25
°C
−40
°C
0
20
40
60
80
100
120
140
160
02
4
6
8
10
OUTPUT CURRENT (mA)
Figure 5. VSAT vs. Output Current at
VCC = 2.7 V
25
°C
−40
°C
85
°C
0
100
150
200
250
350
400
010
20
30
40
50
OUTPUT CURRENT (mA)
Figure 6. VSAT vs. Output Current at
VCC = 5.0 V
85
°C
25
°C
−40
°C
125
°C
125
°C
30
40
125
°C
125
°C
300
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com