Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 3 Page - ON Semiconductor

  LMV393DMR2G Datasheet HTML 1Page - ON Semiconductor LMV393DMR2G Datasheet HTML 2Page - ON Semiconductor LMV393DMR2G Datasheet HTML 3Page - ON Semiconductor LMV393DMR2G Datasheet HTML 4Page - ON Semiconductor LMV393DMR2G Datasheet HTML 5Page - ON Semiconductor LMV393DMR2G Datasheet HTML 6Page - ON Semiconductor LMV393DMR2G Datasheet HTML 7Page - ON Semiconductor LMV393DMR2G Datasheet HTML 8Page - ON Semiconductor LMV393DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMV331, NCV331, LMV393, LMV339
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VS
Voltage on any Pin (referred to Vpin)
5.5
V
VIDR
Input Differential Voltage Range
±Supply Voltage
V
TJ
Maximum Junction Temperature
150
°C
TA
Operating Ambient Temperature Range
LMV331, LMV393, LMV339
NCV331 (Note 3)
−40 to 85
−40 to 125
°C
Tstg
Storage Temperature Range
−65 to 150
°C
TL
Mounting Temperature (Infrared or Convection (1/16
″ From Case for 30 Seconds))
260
°C
VESD
ESD Tolerance (Note 1)
Machine Model
Human Body Model
100
1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage Temperature Range (Note 2)
2.7 to 5.0
V
qJA
Thermal Resistance
SC−70
TSOP−5
Micro8
SOIC−8
UDFN8
SOIC−14
TSSOP−14
280
333
238
212
350
156
190
°C/W
1. Human Body Model, applicable std. MIL−STD−883, Method 3015.7. Machine Model, applicable std. JESD22−A115−A (ESD MM std. of
JEDEC) Field−Induced Charge−Device Model, applicable std. JESD22−C101−C (ESD FICDM std. of JEDEC).
2. The maximum power dissipation is a function of TJ(MAX), qJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) − TA)/qJA. All numbers apply for packages soldered directly onto a PC board.
3. NCV prefix is qualified for automotive usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com