Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 12 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 8Page - ON Semiconductor LMV393DMR2G Datasheet HTML 9Page - ON Semiconductor LMV393DMR2G Datasheet HTML 10Page - ON Semiconductor LMV393DMR2G Datasheet HTML 11Page - ON Semiconductor LMV393DMR2G Datasheet HTML 12Page - ON Semiconductor LMV393DMR2G Datasheet HTML 13Page - ON Semiconductor LMV393DMR2G Datasheet HTML 14Page - ON Semiconductor LMV393DMR2G Datasheet HTML 15Page - ON Semiconductor LMV393DMR2G Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LMV331, NCV331, LMV393, LMV339
www.onsemi.com
12
VO HIGH
+VCC
R3
VT1
R1
R2
Figure 22.
VO LOW
+VCC
R3
VT2
R1
R2
Figure 23.
Non−inverting Configuration with Hysteresis
A non−inverting comparator is shown in Figure 24.
Figure 24.
+VCC
VREF
+
R2
VIN
R1
VA
RPULL−UP
VO
RLOAD
The hysteresis band (Figure 25) of the non−inverting
configuration is defined as follows:
DV
in + VCCR1 R2
VIN1
VIN2
VIN
VO
VCC
0
Figure 25.
When VIN is much less than the voltage at the inverting
input (VREF), then the output is low. R2 can then be viewed
as being connected to ground (Figure 26). To calculate the
voltage required at VIN to trip the comparator high, the
following equation is used:
V
in1 +
V
ref (R1 ) R2)
R
2
When the output is high, VIN must less than or equal to
VREF (VIN
≤ VREF) before the output will be low again
(Figure 27). The following equation is used to calculate the
voltage at VIN to switch the output back to the low state:
V
in2 +
V
ref (R1 ) R2) * VCCR1
R
2
R2
R1
VA = VREF
VIN2
VO HIGH
+VCC
Figure 26.
R1
R2
VA = VREF
VO LOW
VIN1
Figure 27.
Termination of Unused Inputs
Proper termination of unused inputs is a good practice to
keep the output from ‘chattering.’ For example, if one
channel of a dual or quad package is not being used, then the
inputs must be connected to a defined state. The
recommended connections would be to tie one input to VCC
and the other input to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com