Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2585 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC2585
Description  NPN SILICON RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC2585 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC2585 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS
TC = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
ICBO
VCB = 8.0 V
100
µµµµA
IEBO
VEB = 1.0 V
100
µµµµA
hFE
VCE = 8.0 V
IC = 7.0 mA
50
115
250
---
ft
VCE = 8.0 V
IC = 20 mA
f = 1.0 GHz
8.5
GHz
Ccb
VCB = 10 V
f = 1.0 MHz
0.2
0.6
pF
||||S21E||||
2
VCE = 8.0 V
IC = 20 mA
f = 1.0 GHz
f = 2.0 GHz
f = 4.0 GHz
10.0
18.0
11.0
6.5
dB
GNF
VCE = 8.0 V
IC = 7.0 mA
f = 2.0 GHz
11.0
dB
MAG
VCE = 8.0 V
IC = 10 mA
f = 2.0 GHz
f = 4.0 GHz
15.0
10.0
dB
NF
VCE = 8.0 V
IC = 7.0 mA
f = 2.0 GHz
2.0
2.5
dB
NPN SILICON RF TRANSISTOR
2SC2585
DESCRIPTION:
The
2SC2585 is a Common Emitter
Device Designed for Low Niose
Amplifier and Medium Power Oscillator
Applications up to 8.5 GHz.
MAXIMUM RATINGS
IC
65 mA
VCEO
12 V
VCBO
25 V
VEB
1.5 V
PT
400 mW @ TC = 166
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
85
OC/W
PACKAGE STYLE
DIMENSIONS IN MILLIMETERS
1 = BASE
3 = COLLECTOR
2 & 4 = EMITTER


Similar Part No. - 2SC2585

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC2580 WINGS-2SC2580 Datasheet
49Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
2SC2580 SAVANTIC-2SC2580 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2580 JMNIC-2SC2580 Datasheet
151Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2580 ISC-2SC2580 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2580 SAVANTIC-2SC2580 Datasheet
137Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2585

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com