Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM39102L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM39102L-SH2-R
Description  1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM39102L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM39102L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LM39102L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LM39102L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM39102L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM39102L-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM39102
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-060.E
1A LOW-VOLTAGE
LOW-DROPOUT REGULATOR
DESCRIPTION
The UTC LM39102 is a low-dropout linear voltage regulator that
provide low-voltage, high-current output.
The UTC LM39102 can be used in a wide field because of
Adjustable Output. UTC LM39102 is fully protected with over
current limiting, thermal shutdown, and reversed-battery protection.
FEATURES
* Adjustable output voltages refer to 1.24V
* Dropout Voltage 410mV at 1A output
Ideal for 3.0V~2.5V conversion
Ideal for 2.5V~1.8V or 1.5V conversion
* ON/OFF control function
* 1% initial accuracy
* Built-in current limiting and thermal shutdown
* Reversed-battery protection
* Reversed-leakage protection
* Fast transient response
SOP-8
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LM39102L-S08-R
LM39102G-S08-R
SOP-8
Tape Reel
LM39102L-SH2-R
LM39102G-SH2-R
HSOP-8
Tape Reel
LM39102G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8, SH2: HSOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
(3)Green Package
MARKING


Similar Part No. - LM39102L-SH2-R

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM39102 HTC-LM39102 Datasheet
325Kb / 9P
1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
165Kb / 5P
Reversed-battery protection
LM39102G-SH2-R UTC-LM39102G-SH2-R Datasheet
165Kb / 5P
Reversed-battery protection
More results

Similar Description - LM39102L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com