Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8732 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8732
Description  32-lane, 8-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8732 Datasheet(HTML) 4 Page - PLX Technology

  PEX8732 Datasheet HTML 1Page - PLX Technology PEX8732 Datasheet HTML 2Page - PLX Technology PEX8732 Datasheet HTML 3Page - PLX Technology PEX8732 Datasheet HTML 4Page - PLX Technology PEX8732 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 12 Ports
© PLX Technology, www.plxtech.com
Page 4 of 5
10/20/2010, Version 1.0
Error Injection & SerDes Loopback
Using the PEX 8732’s Error Injection feature, users can
inject malformed packets and/or fatal errors into their
system and evaluate a system’s ability to detect and
recover from such errors. The PEX 8732 also supports
Internal Tx, External Tx, Recovered Clock, and Recovered
Data Loopback modes.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8732 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The PEX 8732, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 6 shows a
server design where, in a quad or multi processor system,
users can assign endpoints/slots to CPU cores to distribute
the system load. The packets directed to different CPU
cores will go to different (user assigned) PEX 8732
upstream ports, allowing better queuing and load balancing
capability for
higher
performance.
Conversely, the
PEX 8732 can
also be used in
single-host mode
to simply fan-out
to endpoints.
Figure 6. Host Centric Dual Upstream
Multi-Host Systems
In multi-host mode, the PEX 8732 can be shared by up to
six hosts in a
system. By
creating six
virtual
switches, the
PEX 8732
allows six
hosts to fan-
out to their
respective
endpoints.
This reduces
the number of
Figure 7. Multi-Host System
switches required for fan-out, saving precious board space
and power consumption. In Figure 7, the PEX 8732 is
being shared by four different servers (hosts) with each
server is running its own applications (I/Os). The PEX
8732 assigns the endpoints to the appropriate host and
isolates them from the other hosts.
Host Failover
The PEX 8732 can also be utilized in applications where
host failover is required. In the below application (Figure
8), two hosts may be active simultaneously and controlling
their own domains while exchange status information
through doorbell registers or I
2C interface. The devices can
be programmed to trigger fail-over if the heartbeat
information is not p
In the event of a failure, the
surviving device will r
the endpoints connect
the failing CPU and
enumerate them in its own
domain without impactin
the operation of endpoints
already in its domain.
rovided.
eset
ed to
g
Figure 8. Host Fail-Over
+1 Fail-Over in Storage Systems
so be used to
a
er
N
The PEX 8732’s Multi-Host feature can al
develop storage array clusters where each host manages
set of storage devices independent of others (Figure 9).
Users can designate one of the hosts as the failover-host
for all the other hosts while actively managing its own
endpoints. The failover-host will communicate with oth
hosts for status/heartbeat information and execute a
failover event if/when it gets triggered.
x4
x4
x4
x4
x4
x4
x4
x4
CPU
CPU
PEX 8732
8 Disk Chassis
FC
x4
x4
FC
PEX 8712
CPU
CPU
CPU
CPU
CPU
CPU
8 Disk Chassis
FC
x4
x4
FC
PEX 8712
8 Disk Chassis
FC
x4
x4
FC
PEX 8716
8 Disk Chassis
FC
x4
x4
FC
PEX 8716
Figure 9. N+1 Failover
Memory
CPU
CPU
CPU
CPU
x8
x4s
x4s
x1s
SATA
Endpoint
PCIe Gen1, Gen2, or Gen3 slots
x8
PEX 8732
PCI
PCH
I/O
I/O
I/O
I/O
I/O
I/O
PEX 8732
I/O
I/O
Mem
CPU
CPU
CPU
CPU
PCH
I/Os
Mem
CPU
CPU
CPU
CPU
PCH
I/Os
Mem
CPU
CPU
CPU
CPU
PCH
I/Os
Mem
CPU
CPU
CPU
CPU
PCH
I/Os
CPU
CPU
CPU
CPU
x8
PEX 8732
CPU
CPU
CPU
CPU
x8
PEX 8732
x8s
x8s
x8s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com