Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8732 Datasheet(PDF) 5 Page - PLX Technology

Part # PEX8732
Description  32-lane, 8-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8732 Datasheet(HTML) 5 Page - PLX Technology

  PEX8732 Datasheet HTML 1Page - PLX Technology PEX8732 Datasheet HTML 2Page - PLX Technology PEX8732 Datasheet HTML 3Page - PLX Technology PEX8732 Datasheet HTML 4Page - PLX Technology PEX8732 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 12 Ports
© PLX Technology, www.plxtech.com
Page 5 of 5
10/20/2010, Version 1.0
Software Mo
viewpoint, each PCI Express port is
l
ual
by
us
es/Events
e INTx interrupt message
hot
del
ExpressLane PEX 8732 RDK
The PEX 8732 RDK (see Figure 10) is a hardware module
containing the PEX 8732 which plugs right into your
system. The PEX 8732 RDK can be used to test and
validate customer software, or used as an evaluation
vehicle for PEX 8732 features and benefits. The PEX 8732
RDK provides everything that a user needs to get their
hardware and software development started.
From a system model
a virtual PCI to PCI bridge device and has its own set of
PCI Express configuration registers. It is through the
upstream port that the BIOS or host can configure the
other ports using standard PCI enumeration. The virtua
PCI to PCI bridges within the PEX 8732 are compliant to
the PCI and PCI Express system models. The
Configuration Space Registers (CSRs) in a virt
primary/secondary PCI to PCI bridge are accessible
type 0 configuration cycles through the virtual primary b
interface (matching bus number, device number, and
function number).
Interrupt Sourc
Software Development Kit (SDK)
PLX’s Software Development Kit is available for
download at www.plxtech.com/sdk. The software
development kit includes drivers, source code, and GUI
interfaces to aid in configuring and debugging the PEX
8732.
The PEX 8732 switch supports th
Both performancePAK and visionPAK are supported by
PLX’s RDK and SDK, the industry’s most advanced
hardware- and software-development kits.
type (compatible with PCI 2.3 Interrupt signals) or
Message Signaled Interrupts (MSI) when enabled.
Interrupts/messages are generated by PEX 8732 for
plug events, doorbell interrupts, baseline error reporting,
and advanced error reporting.
Product Ordering Information
Part Number
Description
PEX8732-AA80BC G
32-Lane, 12-Port PCI Express Switch,
Pb-Free (27x27mm
2)
PEX8732-AA RDK
PEX 8732 Rapid Development Kit
PLX Technology, Inc. All rights reserved. PLX, the PLX logo, ExpressLane,
Read Pacing and Dual Cast are trademarks of PLX Technology, Inc. All other
product names that appear in this material are for identification purposes only
and are acknowledged to be trademarks or registered trademarks of their
respective companies. Information supplied by PLX is believed to be accurate
and reliable, but PLX assumes no responsibility for any errors that may appear in
this material. PLX reserves the right, without notice, to make changes in product
design or specification.
Visit www.plxtech.com for more information.
Figure 10. PEX 8732 RDK
evelopment Tools
oftware tools to enable rapid
re
D
PLX offers hardware and s
customer design activity. These tools consist of a hardwa
module (PEX 8732 RDK), hardware documentation
(available at www.plxtech.com), and a Software
Development Kit (also available at www.plxtech.com).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com