Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8732 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8732
Description  32-lane, 8-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8732 Datasheet(HTML) 1 Page - PLX Technology

  PEX8732 Datasheet HTML 1Page - PLX Technology PEX8732 Datasheet HTML 2Page - PLX Technology PEX8732 Datasheet HTML 3Page - PLX Technology PEX8732 Datasheet HTML 4Page - PLX Technology PEX8732 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© PLX Technology, www.plxtech.com
Page 1 of 5
10/7/2010, Version 1.0
PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 8 Ports
Figure 1. Common Port Configurations
PEX 8732
x4
PEX 8732
x8
PEX 8732
x8
PEX 8732
x16
3 x4
3 x8
10 x2
x8
8x2
x8
Highlights
Highlights
PEX 8732 General Features
PEX 8732 General Features
o
32-lane, 8-port PCIe Gen 3 switch
o
32-lane, 8-port PCIe Gen 3 switch
-
Integrate 8.0 GT/s SerDes
Integrate 8.0 GT/s SerDes
d
27 x 27mm
2, 676-pin FCBGA package
-
d
27 x 27mm
2, 676-pin FCBGA package
o
o
o
Typical Power: 6.0 Watts
o
Typical Power: 6.0 Watts
res
res
PEX 8732 Key Featu
o
a
PEX 8732 Key Featu
o
a
St ndards Compliant
-
PCI Express Base Specification, r3.0
)
St ndards Compliant
-
PCI Express Base Specification, r3.0
)
(compatible w/ PCIe r1.0a/1.1 & 2.0
ec, r1.2
(compatible w/ PCIe r1.0a/1.1 & 2.0
ec, r1.2
-
PCI Power Management Sp
-
PCI Power Management Sp
-
Microsoft Vista Compliant
ices
-
Microsoft Vista Compliant
ices
-
Supports Access Control Serv
-
Supports Access Control Serv
-
Dynamic link-width control
peed control
-
Dynamic link-width control
peed control
-
Dynamic SerDes s
o
gh
-
Dynamic SerDes s
o
gh
Hi
Performance
♦
Hi
Performance
♦
performancePAK
ng (bandwidth throttling)
performancePAK
ng (bandwidth throttling)
Read Paci
Read Paci
Multicast
t Pool
Multicast
t Pool
Dynamic Buffer/FC Credi
ic
Dynamic Buffer/FC Credi
ic
-
Non-blocking switch fabr
-
Non-blocking switch fabr
-
Full line rate on all ports
-
Packet Cut-Thru with 106ns max packet
-
Full line rate on all ports
-
Packet Cut-Thru with 106ns max packet
latency (x8 to x8)
latency (x8 to x8)
-
2KB Max Payload Size
o
-
2KB Max Payload Size
o
Flexible Configuration
6
Flexible Configuration
6
-
Ports configurable as x1, x2, x4, x8, x1
-
Registers configurable with strapping
2
t software
-
Ports configurable as x1, x2, x4, x8, x1
-
Registers configurable with strapping
2
t software
pins, EEPROM, I C, or hos
pins, EEPROM, I C, or hos
-
Lane and polarity reversal
-
Lane and polarity reversal
-
Compatible with PCIe 1.0a PM
o
-
Compatible with PCIe 1.0a PM
o
Multi-Host & Fail-Over Support
sparent (NT) port
Multi-Host & Fail-Over Support
sparent (NT) port
-
Configurable Non-Tran
-
Configurable Non-Tran
-
Failover with NT port
-
Up to 6 upstream/Host ports with 1+1 or
tream ports
-
Failover with NT port
-
Up to 6 upstream/Host ports with 1+1 or
tream ports
N+1 failover to other ups
o
N+1 failover to other ups
o
Quality of Service (QoS)
Quality of Service (QoS)
-
Eight traffic classes per port
-
Weighted round-robin source
-
Eight traffic classes per port
-
Weighted round-robin source
port arbitration
o
ailability, Serviceability
port arbitration
o
ailability, Serviceability
Reliability, Av
♦
Reliability, Av
♦ visionPAK
visionPAK
Per Port Performance Monitoring
header counters
Per Port Performance Monitoring
header counters
Per port payload &
Per port payload &
SerDes Eye Capture
SerDes Eye Capture
PCIe Packet Generator
PCIe Packet Generator
Error Injection and Loopback
nals
Error Injection and Loopback
nals
-
3 Hot Plug Ports with native HP Sig
-
All ports hot plug capable thru I
2C
port)
-
3 Hot Plug Ports with native HP Sig
-
All ports hot plug capable thru I
2C
port)
(Hot Plug Controller on every
bit support
(Hot Plug Controller on every
bit support
-
ECRC and Poison
-
ECRC and Poison
-
Data Path parity
-
Data Path parity
-
Memory (RAM) Error Correction
ignals
-
Memory (RAM) Error Correction
ignals
-
INTA# and FATAL_ERR# s
-
INTA# and FATAL_ERR# s
-
Advanced Error Reporting
-
ailable
-
Advanced Error Reporting
-
ailable
Port Status bits and GPIO av
Port Status bits and GPIO av
• Per port error diagnostics
• Per port error diagnostics
-
JTAG AC/DC boundary scan
-
JTAG AC/DC boundary scan
The ExpressLane™ PEX 8732 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers,
storage, communications, and graphics platforms. The PEX 8732 is
well suited for fan-out, aggregation, and peer-to-peer traffic patterns.
The ExpressLane™ PEX 8732 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers,
storage, communications, and graphics platforms. The PEX 8732 is
well suited for fan-out, aggregation, and peer-to-peer traffic patterns.
Multi-Host Architecture
Multi-Host Architecture
The PEX 8732 employs an enhanced version of PLX’s field tested PEX 8632
PCIe switch architecture, which allows users to configure the device in legacy
single-host mode or multi-host mode with up to six host ports capable of 1+1
(one active & one backup) or N+1 (N active & one backup) host failover. This
powerful architectural enhancement enables users to build PCIe based systems
to support high-availability, failover, redundant, or clustered systems.
The PEX 8732 employs an enhanced version of PLX’s field tested PEX 8632
PCIe switch architecture, which allows users to configure the device in legacy
single-host mode or multi-host mode with up to six host ports capable of 1+1
(one active & one backup) or N+1 (N active & one backup) host failover. This
powerful architectural enhancement enables users to build PCIe based systems
to support high-availability, failover, redundant, or clustered systems.
High Performance & Low Packet Latency
High Performance & Low Packet Latency
The PEX 8732 architecture supports packet cut-thru with a maximum
latency of 106ns (x8 to x8). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
The PEX 8732 architecture supports packet cut-thru with a maximum
latency of 106ns (x8 to x8). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
Data Integrity
The PEX 8732 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
The PEX 8732 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
Flexible Configuration
The PEX 8732’s 8 ports can be
configured to lane widths of x1, x2,
x4, x8, or x16. Flexible buffer
allocation, along with the device's
flexible
packet
flow
control,
maximizes
throughput
for
applications
where
more
traffic
flows in the downstream, rather than
upstream, direction. Any port can be
designated as the upstream port,
which can be changed dynamically.
Figure 1 shows some of the PEX
8732’s common port configurations
in legacy Single-Host mode
The PEX 8732’s 8 ports can be
configured to lane widths of x1, x2,
x4, x8, or x16. Flexible buffer
allocation, along with the device's
flexible
packet
flow
control,
maximizes
throughput
for
applications
where
more
traffic
flows in the downstream, rather than
upstream, direction. Any port can be
designated as the upstream port,
which can be changed dynamically.
Figure 1 shows some of the PEX
8732’s common port configurations
in legacy Single-Host mode
PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 8 Ports
© PLX Technology, www.plxtech.com
Page 1 of 5
10/7/2010, Version 1.0
Figure 1. Common Port Configurations
PEX 8732
x4
PEX 8732
x8
PEX 8732
x8
PEX 8732
x16
3 x4
3 x8
10 x2
x8
8x2
x8
.


Similar Part No. - PEX8732

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8732 AVAGO-PEX8732 Datasheet
719Kb / 5P
PCI Express Gen 3 Switch
More results

Similar Description - PEX8732

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8613 PLX-PEX8613 Datasheet
204Kb / 4P
PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8613 AVAGO-PEX8613 Datasheet
202Kb / 4P
PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
logo
PLX Technology
PEX8712 PLX-PEX8712 Datasheet
469Kb / 5P
12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PEX8713 PLX-PEX8713 Datasheet
688Kb / 5P
12-lane, 10-port PCIe Gen 3 switch
PEX8716 PLX-PEX8716 Datasheet
436Kb / 5P
16-lane, 4-port PCIe Gen 3 switch
PEX8717 PLX-PEX8717 Datasheet
716Kb / 5P
16-lane, 10-port PCIe Gen 3 switch
PEX8724 PLX-PEX8724 Datasheet
337Kb / 5P
24-lane, 6-port PCIe Gen 3 switch
logo
Renesas Technology Corp
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com