Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV121KGS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFV121KGS
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV121KGS Datasheet(HTML) 5 Page - NXP Semiconductors

  AFV121KGS Datasheet HTML 1Page - NXP Semiconductors AFV121KGS Datasheet HTML 2Page - NXP Semiconductors AFV121KGS Datasheet HTML 3Page - NXP Semiconductors AFV121KGS Datasheet HTML 4Page - NXP Semiconductors AFV121KGS Datasheet HTML 5Page - NXP Semiconductors AFV121KGS Datasheet HTML 6Page - NXP Semiconductors AFV121KGS Datasheet HTML 7Page - NXP Semiconductors AFV121KGS Datasheet HTML 8Page - NXP Semiconductors AFV121KGS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AFV121KH AFV121KHS AFV121KGS
5
RF Device Data
Freescale Semiconductor, Inc.
960–1215 MHz REFERENCE CIRCUIT — 3 4 (7.62 cm  10.16 cm)
Table 7. 960–1215 MHz Performance (In Freescale Reference Circuit, 50 ohm system)
VDD =50 Vdc, IDQ(A+B) = 100 mA, Pin =25 W
Frequency
(MHz)
Signal Type
Gps
(dB)
D
(%)
Pout
(W)
960
Pulse
(128 sec, 10% Duty Cycle)
17.5
51.1
1390 Peak
1030
17.5
51.8
1410 Peak
1090
17.4
52.2
1370 Peak
1215
16.9
55.8
1230 Peak
Table 8. Load Mismatch/Ruggedness (In Freescale 960–1215 MHz Reference Circuit, 50 ohm system) IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
1030
Pulse
(128 sec,
10% Duty Cycle)
> 20:1 at all
Phase Angles
25 Peak
(3 dB Overdrive)
50
No Device
Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com