Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV121KGS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFV121KGS
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV121KGS Datasheet(HTML) 1 Page - NXP Semiconductors

  AFV121KGS Datasheet HTML 1Page - NXP Semiconductors AFV121KGS Datasheet HTML 2Page - NXP Semiconductors AFV121KGS Datasheet HTML 3Page - NXP Semiconductors AFV121KGS Datasheet HTML 4Page - NXP Semiconductors AFV121KGS Datasheet HTML 5Page - NXP Semiconductors AFV121KGS Datasheet HTML 6Page - NXP Semiconductors AFV121KGS Datasheet HTML 7Page - NXP Semiconductors AFV121KGS Datasheet HTML 8Page - NXP Semiconductors AFV121KGS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AFV121KH AFV121KHS AFV121KGS
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These RF power transistors are designed for pulse applications operating at
frequencies from 960 to 1215 MHz, such as distance measuring equipment
(DME), secondary radars and high power transponders for air traffic control.
These devices are suitable for use in pulse applications with large duty cycles
and long pulses, including Mode S ELM.
Typical Short Pulse Performance: In 960–1215 MHz reference circuit, VDD =50 Vdc,
IDQ = 100 mA, Pin =25 W
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
960
Pulse
(128 sec, 10% Duty Cycle)
1390 Peak
17.5
51.1
1030
1410 Peak
17.5
51.8
1090
1370 Peak
17.4
52.2
1215
1230 Peak
16.9
55.8
Typical Long Pulse Performance: In 960–1215 MHz reference circuit, VDD =50 Vdc,
IDQ = 100 mA, Pin =25 W
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
960
Pulse
(2 msec, 10% Duty Cycle)
1160 Peak
16.6
50.8
1030
1190 Peak
16.8
52.1
1090
1210 Peak
16.8
49.2
1215
1060 Peak
16.2
50.6
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
1030 (1)
Pulse
(128 sec, 10%
Duty Cycle)
> 20:1 at all
Phase Angles
25 Peak
(3 dB
Overdrive)
50
No Device
Degradation
1. Measured in 960--1215 MHz reference circuit.
Features
 Internally Input and Output Matched for Broadband Operation and Ease of Use
 Device Can Be Used Single--Ended, Push--Pull, or in a Quadrature
Configuration
 Qualified up to a Maximum of 50 VDD Operation
 High Ruggedness, Handles > 20:1 VSWR
 Integrated ESD Protection with Greater Negative Voltage Range for Improved
Class C Operation and Gate Voltage Pulsing
 Characterized with Series Equivalent Large--Signal Impedance Parameters
Typical Applications
 Air Traffic Control Systems (ATC), Including Ground--based Secondary Radars
such as Mode S ELM Interrogators
 Distance Measuring Equipment (DME)
 Mode S Transponders, Including:
– Traffic Alert and Collision Avoidance Systems (TCAS)
– Automatic Dependent Surveillance--Broadcast In and Out (ADS--B)
Using, e.g., 1090 Extended Squitter or Universal Access Transponder (UAT)
Document Number: AFV121KH
Rev. 0, 11/2015
Freescale Semiconductor
Technical Data
960–1215 MHz, 1000 W PEAK, 50 V
AIRFAST RF POWER LDMOS
TRANSISTORS
AFV121KH
AFV121KHS
AFV121KGS
NI--1230GS--4L
AFV121KGS
NI--1230S--4S
AFV121KHS
NI--1230H--4S
AFV121KH
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistors.
 Freescale Semiconductor, Inc., 2015. All rights reserved.


Similar Part No. - AFV121KGS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFV10700GS NXP-AFV10700GS Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
AFV10700H NXP-AFV10700H Datasheet
683Kb / 17P
RF Power LDMOS Transistors
05/2017
AFV10700HR5 NXP-AFV10700HR5 Datasheet
683Kb / 17P
RF Power LDMOS Transistors
05/2017
AFV10700HS NXP-AFV10700HS Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
More results

Similar Description - AFV121KGS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com