Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV121KGS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFV121KGS
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV121KGS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFV121KGS Datasheet HTML 3Page - NXP Semiconductors AFV121KGS Datasheet HTML 4Page - NXP Semiconductors AFV121KGS Datasheet HTML 5Page - NXP Semiconductors AFV121KGS Datasheet HTML 6Page - NXP Semiconductors AFV121KGS Datasheet HTML 7Page - NXP Semiconductors AFV121KGS Datasheet HTML 8Page - NXP Semiconductors AFV121KGS Datasheet HTML 9Page - NXP Semiconductors AFV121KGS Datasheet HTML 10Page - NXP Semiconductors AFV121KGS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AFV121KH AFV121KHS AFV121KGS
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 960–1215 MHz
REFERENCE CIRCUIT
1300
900
IRL
Gps
f, FREQUENCY (MHz)
Figure 6. Power Gain, Drain Efficiency and IRL
versus Frequency at a Constant Input Power
1150
1100
1050
1000
950
19
18
--11
60
50
–4
--6
D
16.5
16
13.5
12.5
18.5
17.5
17
40
15.5
15
1200
1250
VDD =50 Vdc,Pin =25 W,IDQ(A+B) = 100 mA
Pulse Width = 128 sec, Duty Cycle = 10%
55
45
35
--5
--7
14
14.5
13
--9
--8
--10
10
24
20
70
Pout, OUTPUT POWER (WATTS) PEAK
Figure 7. Power Gain and Drain Efficiency versus
Output Power
VDD =50 Vdc, IDQ(A+B) = 100 mA
Pulse Width = 128 sec, Duty Cycle = 10%
800
0
22
18
16
14
60
50
40
30
Gps
D
200
400
600
1000
1030 MHz
960 MHz
1215 MHz
1030 MHz
960 MHz
1215 MHz
20
12
10
0
1200 1400 1600 1800
1090 MHz
1090 MHz
250
1500
900
20
950
1250
1000
60
50
f, FREQUENCY (MHz)
1000
500
750
70
40
30
1050
1100
1150
1200
1250
1300
D
Pout
VDD =50 Vdc,IDQ(A+B) = 100 mA, Pin =25 W
Pulse Width = 128 sec, Duty Cycle = 10%
Figure 8. Output Power and Drain Efficiency versus
Frequency at a Constant Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com