Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7643 Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7643
Description  4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7643 Datasheet(HTML) 5 Page - Exar Corporation

  MP7643 Datasheet HTML 1Page - Exar Corporation MP7643 Datasheet HTML 2Page - Exar Corporation MP7643 Datasheet HTML 3Page - Exar Corporation MP7643 Datasheet HTML 4Page - Exar Corporation MP7643 Datasheet HTML 5Page - Exar Corporation MP7643 Datasheet HTML 6Page - Exar Corporation MP7643 Datasheet HTML 7Page - Exar Corporation MP7643 Datasheet HTML 8Page - Exar Corporation MP7643 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP7643
5
Rev. 1.00
ELECTRICAL CHARACTERISTICS TABLE
Description
Symbol
Min
Typ
Max
Units
Conditions
DIGITAL TIMING
SPECIFICATIONS (2, 4)
Address to LD Setup
tAS
70
ns
Address to LD Hold
tAH
0ns
Data to LD Setup
tDS
70
ns
Data to LD Hold
tDH
0ns
LD Pulse Width
tLD
70
ns
PRESET Pulse Width
tPR
50
ns
25
°C
NOTES
1
Full Scale Range (FSR) is 3V.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
See Figure 1.
5
For reference input pulse: tR = tF > 100 ns.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VCC to VREFN
+6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE to VREFN
–6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC to DGND
+13.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE to DGND
–6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VREF 1-4 to DGND, VREFN
VCC to VEE
. . . . . . . . . . . . . . . . . .
VOUT 1-4 to DGND, VREFN
VCC to VEE
. . . . . . . . . . . . . . . . . .
Digital Input & Output Voltage to DGND –0.5 to VDD +0.5 V
Operating Temperature Range
Extended Industrial
–40
°C to +85°C
. . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature
–65
°C to 150°C
. . . . . . . . .
Storage Temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 sec)
+300
°C
. . . . . . . . . . .
Package Power Dissipation Rating @ 75
°C
PDIP, SOIC, PLCC
1050mW
. . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
14mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com