Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7643 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7643
Description  4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7643 Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7643 Datasheet HTML 3Page - Exar Corporation MP7643 Datasheet HTML 4Page - Exar Corporation MP7643 Datasheet HTML 5Page - Exar Corporation MP7643 Datasheet HTML 6Page - Exar Corporation MP7643 Datasheet HTML 7Page - Exar Corporation MP7643 Datasheet HTML 8Page - Exar Corporation MP7643 Datasheet HTML 9Page - Exar Corporation MP7643 Datasheet HTML 10Page - Exar Corporation MP7643 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP7643
7
Rev. 1.00
THEORY OF OPERATION
The MP7643 is a 4-channel multiplying D/A converter that in-
corporates a novel open loop architecture invented by MPS.
The design produces the wider bandwidth, faster settling time,
more constant group delay, and a lower noise operation
compared to the conventional R-2R based architectures. This
device is particularly useful in applications where analog multi-
pliers are used to perform the gain adjustment function for high
frequency analog signal conditioning. Analog multipliers pro-
duce higher noise and offset. This design allows for digital con-
trol of gain with constant and very low noise from the low gain
through high gain ranges of operation.
Linearity Characteristics
Each DAC achieves DNL
 +0.5 LSB (typ), INL  +1 LSB
(typ), and gain error
 +1.5%. Since all 4 channel D/A convert-
ers are fabricated on the same IC, the linearity matching and
gain matching of +0.5% (typ) is achieved.
AC and Transient Settling Characteristics
The novel subranging architecture delivers a 15 MHz (typ.)
–3 dB bandwidth. With all codes = 1 and a 1.6 V step impulse at
VREF(1-4), the analog output settles to 8 bits of accuracy in typi-
cally 150 ns (with RL = 5k to VEE). Also with VREF = 3 V or –3 V
and a FS to ZS or ZS to FS code change, the respective analog
output settles to 8 bits typically in 300 ns. Note that the AC per-
formance specifications also match between all 4 channels.
The above AC and transient performance is achieved with each
channel consuming only 20 mW (typ.) with either
5 V or 0 V to
10 V supplies.
Digital Interface
The MP7643 allows direct interface to most microprocessor
buses without additional I/O circuitry.
Figure 1. and Figure 2.
describe the operation, specification and interface characteris-
tics of the logic port.
The address bits A0 and A1 determine which D/A channel is
selected. When LD input is low the respective latch of the D/A is
enabled (digital input data becomes transparent to the latch and
the selected DAC channel), and digital data is loaded into the se-
lected DAC.
Power Supplies and Voltage Reference DC Voltage
Ranges
For the single supply operation, VCC = +10 V, VDD = +5 V, and
VEE = GND = 0 V. The VOUT 1-4 and VREF 1-4 range would be
VCC –1.8 V (10 – 1.8 = 8.2 V) to VEE +1.5 V (0 + 1.5 = 1.5 V).
VREFN is the equivalent of AGND for this DAC. In this mode
VREFN can be set at (VCC + VEE)/2 = (10 + 0)/2 = 5 V. VREFN DC
range can, however, be set from VEE +1.5 = 1.5 V to VCC – 1.5 =
8.2 V. Refer to
Table 2. for the relationship equations.
For the dual supply operation, VCC = +5, VDD = +5, and VEE =
–5 V. The VOUT 1-4 and VREF 1-4 range would be VCC –1.8 V (5
V –1.8 = 3.2 V) to VEE +1.5 V (–5 + 1.5 = –3.5 V). In this mode
VREFN can be set to (VCC + VEE)/2 = (5 – 5)/2 = 0 V. However,
VREFN DC range can be set from VEE +1.5 V = 3.5 V to VCC –1.8
= +3.2 V. Refer to
Table 2. for the relationship equations.
About the INV Input and its DC Voltage Range
VCC
VOUT 1-4
INV 1-4
I1
Q2
Q1
VREF 1-4
VREFN
DAC
VEE
+1
Figure 3. Simplified Block Diagram
As noted in the specification table, the max DC value of the
INV input pin is VO. Figure 3. shows a simplified block diagram
of the internal circuitry around INV. If VINV exceeds VO, Q1 will
saturate and the amp and consequently the DAC becomes non-
functional.
The min DC range of INV is limited to Vbe (Q1) and VCE (sat)
of I1. Therefore, INV (min-DC) = VEE +1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com