Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7643 Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7643
Description  4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7643 Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7643 Datasheet HTML 2Page - Exar Corporation MP7643 Datasheet HTML 3Page - Exar Corporation MP7643 Datasheet HTML 4Page - Exar Corporation MP7643 Datasheet HTML 5Page - Exar Corporation MP7643 Datasheet HTML 6Page - Exar Corporation MP7643 Datasheet HTML 7Page - Exar Corporation MP7643 Datasheet HTML 8Page - Exar Corporation MP7643 Datasheet HTML 9Page - Exar Corporation MP7643 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP7643
6
Rev. 1.00
Figure 1. Timing Diagram
tAS
tAH
tDS
tDH
1/2 LSB
1/2 LSB
A1, A0
DB0 to DB7
LD
VOUT
tLD
tSD
2-4
Decoder
A0, A1
LD
To DAC1 Latch Enable
To DAC2 Latch Enable
To DAC3 Latch Enable
To DAC4 Latch Enable
Figure 2. Input Control Logic (Simplified)
Block Diagram
L
L
L
DAC1 Transparent
↑
L
L
DAC1 Latched
L
L
H
DAC2 Transparent
↑
L
H
DAC2 Latched
L
H
L
DAC3 Transparent
↑
H
L
DAC3 Latched
L
H
H
DAC4 Transparent
↑
H
H
DAC4 Latched
H
X
X
No Operation
LD
A1
A0
Operation
Table 1. Truth Table
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
DAC Output Voltage
VOi = VREFN + (VRi – AGND) (
)
D
256
0000
0
0
00
(
1
)
256
1111
1
1
10
1111
1
1
11
000
Table 2. DAC Transfer Function
Analog Output vs. Digital Code (With VREF Shorted to INV)
00
00
1
(VRi – VREFN)+ VREFN
()
256
(VRi – VREFN)+ VREFN
()
256
(VRi – VREFN)+ VREFN
255
254
VREFN
Note: These outputs must be ratioed up for gain in the output amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com