Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC-4P-FST Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # SAC-4P-FST
Description  Easy and safe: 100% electrically tested plug-in components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SAC-4P-FST Datasheet(HTML) 3 Page - PHOENIX CONTACT

  SAC-4P-FST Datasheet HTML 1Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 2Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 3Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1415343
08/14/2018   Page 3 / 4
Power cable - SAC-4P-FST/20,0-PUR SH SCO - 1415343
Technical data
Cable
Material conductor insulation
PP
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 10 MΩ*km (at 20 °C)
Conductor resistance
≤ 13.3 Ω/km (at 20 °C)
Nominal voltage, cable
300 V AC
Test voltage, cable
1500 V AC (5 min.)
Flame resistance
according to EN 60332-1-2
in acc. to UL 1581 VW1
Halogen-free
according to VDE 0282-13 Appendix C
Resistance to oil
in accordance with DIN EN 60811-2-1
According to DIN EN 50363-10-2
Ambient temperature (operation)
-40 °C ... 90 °C (cable, fixed installation)
-30 °C ... 90 °C (cable, flexible installation)
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
1
2
4
3
Pin assignment of M12 socket, 4-pos., T-coded, socket side view
Cable cross section
PUR halogen-free black [PUR]
Dimensional drawing
52,8
M12 x 1 socket, straight
Circuit diagram
BN
1
2
BK
4
BU
3
WH
Contact assignment of the M12 socket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com