Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC-4P-FST Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # SAC-4P-FST
Description  Easy and safe: 100% electrically tested plug-in components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SAC-4P-FST Datasheet(HTML) 1 Page - PHOENIX CONTACT

  SAC-4P-FST Datasheet HTML 1Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 2Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 3Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1415343
08/14/2018   Page 1 / 4
Power cable - SAC-4P-FST/20,0-PUR SH SCO - 1415343
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power cable, 4-position, PUR halogen-free, black RAL 9005, shielded, free cable end, on Socket straight M12
SPEEDCON, T-coded, cable length: 20 m, for direct current up to 12 A/60 V
Why buy this product
 Easy and safe: 100% electrically tested plug-in components
 High-performance: DC connectors for up to 12 A and 60 V DC
 Protection against incorrect connection using special T-coding
 Shield power reliably – 360° shielding to reduce electromagnetic loads
 Save time, thanks to installation with SPEEDCON fast locking system
 Our standard: robust halogen-free PUR cable
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
GTIN
GTIN
4055626046907
Technical data
Dimensions
Length of cable
20 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
General
Rated current at 40°C
12 A
Rated voltage
60 V
63 V DC
Number of positions
4
Insulation resistance
≤ 10 GΩ


Similar Part No. - SAC-4P-FST

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SAC-4P-50 PHOENIX-SAC-4P-50 Datasheet
112Kb / 5P
Easy and safe: 100% electrically tested plug-in components
SAC-4P-M12MST PHOENIX-SAC-4P-M12MST Datasheet
124Kb / 5P
Easy and safe: 100% electrically tested plug-in components
SAC-4P-MSS PHOENIX-SAC-4P-MSS Datasheet
131Kb / 5P
High-performance: AC connectors for up to 12 A and 630 V AC
More results

Similar Description - SAC-4P-FST

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414786 PHOENIX-1414786 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1424623 PHOENIX-1424623 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1424622 PHOENIX-1424622 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1424618 PHOENIX-1424618 Datasheet
102Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1424616 PHOENIX-1424616 Datasheet
113Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1425023 PHOENIX-1425023 Datasheet
116Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425083 PHOENIX-1425083 Datasheet
119Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425086 PHOENIX-1425086 Datasheet
107Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425104 PHOENIX-1425104 Datasheet
119Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1520343 PHOENIX-1520343 Datasheet
123Kb / 5P
Easy and safe: 100% electrically tested plug-in components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com