Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC-4P-FST Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # SAC-4P-FST
Description  Easy and safe: 100% electrically tested plug-in components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SAC-4P-FST Datasheet(HTML) 2 Page - PHOENIX CONTACT

  SAC-4P-FST Datasheet HTML 1Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 2Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 3Page - PHOENIX CONTACT SAC-4P-FST Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1415343
08/14/2018   Page 2 / 4
Power cable - SAC-4P-FST/20,0-PUR SH SCO - 1415343
Technical data
General
Coding
T power
Standards/regulations
M12 connector
Status display
No
Protective circuit/component
Unwired
Overvoltage category
III
Degree of pollution
3
Insertion/withdrawal cycles
> 100
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, nickel-plated
Standards and Regulations
Standard designation
M12 connector
Flammability rating according to UL 94
V0
Cable
Cable type
PUR halogen-free black
Cable type (abbreviation)
PUR
Cable abbreviation
LS9YC11Y-OB
Conductor cross section
4x 1.5 mm²
AWG power supply
16
Core diameter including insulation
2.4 mm
Thickness, insulation
1.2 mm (Outer cable sheath)
Wire colors
brown, white, blue, black
Overall twist
4 wires optimally twisted
Shielding
Tinned copper-braided shield, approx. 85% covering
External sheath, color
black RAL 9005
External cable diameter D
9.7 mm ±0,3 mm
Smallest bending radius, fixed installation
49 mm
Smallest bending radius, movable installation
73 mm
Number of bending cycles
4000000
Bending radius
97 mm
Traversing path
10 m
Traversing rate
3 m/s
Acceleration
10 m/s²
Torsion force
± 25 °/m
Outer sheath, material
PUR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com