Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8H2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGS8H2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8H2 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGS8H2 Datasheet HTML 1Page - NXP Semiconductors BGS8H2 Datasheet HTML 2Page - NXP Semiconductors BGS8H2 Datasheet HTML 3Page - NXP Semiconductors BGS8H2 Datasheet HTML 4Page - NXP Semiconductors BGS8H2 Datasheet HTML 5Page - NXP Semiconductors BGS8H2 Datasheet HTML 6Page - NXP Semiconductors BGS8H2 Datasheet HTML 7Page - NXP Semiconductors BGS8H2 Datasheet HTML 8Page - NXP Semiconductors BGS8H2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NXP Semiconductors
BGS8H2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8H2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 29 June 2018
COMPANY CONFIDENTIAL
3 / 15
4 Quick reference data
Table 1. Quick reference data
f = 2350 MHz, VCC = 2.8 V, VI(CTRL) ≥ 0.8 V, and Tamb = 25 °C. Input matched to 50 Ω using a 2.7 nH inductor in series.
Unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
VCC
supply voltage
RF input AC coupled
[1] 1.5
-
3.1
V
in gain mode
3.8
5.8
7.8
mA
ICC
supply current
in bypass mode; VI(CTRL) < 0.3 V
-
-
1
µA
in gain mode; f = 2350 MHz
[2][3] 10.5 12.5 14.5 dB
Gp
power gain
in bypass mode; f = 2350 MHz
[2][3] -3.8 -2.3 -0.8 dB
NF
noise figure
in gain mode; f = 2350 MHz
[2][3][4] -
1.0
1.5
dB
Pi(1dB)
input power at 1 dB gain compression in gain mode; f = 2350 MHz
[2][3] -5.5 -1.5 -
dBm
IP3i
input third-order intercept point
in gain mode; f = 2350 MHz
[2][3] −1.0 +4.0 -
dBm
[1]
Stressed with pulses of 1 s in duration. VCC connected to a power supply of 2.8 V with 500 mA current limit.
[2]
E-UTRA operating band 40 (2300 MHz to 2400 MHz).
[3]
Guaranteed by device design; not tested in production.
[4]
PCB losses are subtracted.
5 Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
BGS8H2
XSON6
plastic extremely thin small outline package; no leads; 6 terminals;
body 1.1 x 0.7 x 0.37 mm
SOT1232
OM17007
EVB
BGS8H2 evaluation board
-
6 Marking
Table 3. Marking code
Type number
Marking code
BGS8H2
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com