Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8H2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGS8H2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8H2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGS8H2 Datasheet HTML 7Page - NXP Semiconductors BGS8H2 Datasheet HTML 8Page - NXP Semiconductors BGS8H2 Datasheet HTML 9Page - NXP Semiconductors BGS8H2 Datasheet HTML 10Page - NXP Semiconductors BGS8H2 Datasheet HTML 11Page - NXP Semiconductors BGS8H2 Datasheet HTML 12Page - NXP Semiconductors BGS8H2 Datasheet HTML 13Page - NXP Semiconductors BGS8H2 Datasheet HTML 14Page - NXP Semiconductors BGS8H2 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NXP Semiconductors
BGS8H2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8H2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 29 June 2018
COMPANY CONFIDENTIAL
11 / 15
14 Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1232
sot1232_po
13-04-12
13-11-08
Unit
mm
min
nom
max
1.05
0.1 0.05
A
Dimensions (mm are the original dimensions)
Note
1. Dimension A is including plating thickness.
SOT1232
A1
D
0.65
0.4
E
e1
L
V
Y
0.40 0.04
0.34
1.10 0.4
0.70
0.37
1.15
0.75
0.1
Y1
0.17
0.25
e
b
0.17
0.20
0.20
0.25
pin 1
index area
pin 1
index area
(4×)
D
A
E
B
C
y1
(6×)
v
A B
L
(6×)
v
A B
b
e
(6×)
1
3
6
4
e1
e1
scale
0
1 mm
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1.1 x 0.7 x 0.37 mm
A
A1
y
C
Figure 4. Package outline SOT1232 (XSON6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com