Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8H2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGS8H2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8H2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGS8H2 Datasheet HTML 4Page - NXP Semiconductors BGS8H2 Datasheet HTML 5Page - NXP Semiconductors BGS8H2 Datasheet HTML 6Page - NXP Semiconductors BGS8H2 Datasheet HTML 7Page - NXP Semiconductors BGS8H2 Datasheet HTML 8Page - NXP Semiconductors BGS8H2 Datasheet HTML 9Page - NXP Semiconductors BGS8H2 Datasheet HTML 10Page - NXP Semiconductors BGS8H2 Datasheet HTML 11Page - NXP Semiconductors BGS8H2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
BGS8H2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8H2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 29 June 2018
COMPANY CONFIDENTIAL
8 / 15
[1]
Guaranteed by device design; not tested in production.
[2]
E-UTRA operating band 40 (2300 MHz to 2400 MHz).
[3]
E-UTRA operating band 7 (2620 MHz to 2690 MHz).
[4]
PCB losses are subtracted.
Table 9. Characteristics at VCC = 2.8 V
2300 MHz ≤ f ≤ 2690 MHz, VCC = 2.8 V, VI(CTRL) ≥ 0.8 V and Tamb = 25 °C. Input matched to 50 Ω using a 2.7 nH inductor in
series. Unless otherwise specified.
Symbol Parameter
Conditions
Min Typ Max Unit
between gain mode and bypass mode
f = 2350 MHz
[1] -8
-
+8
deg
Δφ
phase variation
f = 2655 MHz
-
-
-
deg
Gain mode
ICC
supply current
3.8
5.8
7.8
mA
f = 2350 MHz
[1][2] 10.5 12.5 14.5 dB
f = 2500 MHz
9.9
11.9 13.9 dB
Gp
power gain
f = 2655 MHz
[1][3] 9.2 11.2 13.2 dB
f = 2350 MHz
[2] -
8.0
-
dB
RLin
input return loss
f = 2655 MHz
[3] -
8.5
-
dB
f = 2350 MHz
[2] -
10.0 -
dB
RLout
output return loss
f = 2655 MHz
[3] -
7.0
-
dB
f = 2350 MHz
[2] -
23.0 -
dB
ISL
isolation
f = 2655 MHz
[3] -
23.0 -
dB
f = 2350 MHz
[1][2][4] -
1.00 1.5
dB
NF
noise figure
f = 2655 MHz
[1][3][4] -
1.10 1.6
dB
f = 2350 MHz
[1][2] -5.5 -1.5 -
dBm
Pi(1dB)
input power at 1 dB gain
compression
f = 2655 MHz
[1][3] -4.0 0.0 -
dBm
f = 2350 MHz
[1][2] -1.0 +4.0 -
dBm
IP3i
input third-order intercept point
f = 2655 MHz
[1][3] -1.0 +4.0 -
dBm
K
Rollett stability factor
1
-
-
ton
turn-on time
time from VI(CTRL) ON, to 90 % of the gain
-
-
1.3
µs
toff
turn-off time
time from VI(CTRL) OFF, to 10 % of the gain
-
-
0.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com