Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8L2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGS8L2
Description  SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L2 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGS8L2 Datasheet HTML 1Page - NXP Semiconductors BGS8L2 Datasheet HTML 2Page - NXP Semiconductors BGS8L2 Datasheet HTML 3Page - NXP Semiconductors BGS8L2 Datasheet HTML 4Page - NXP Semiconductors BGS8L2 Datasheet HTML 5Page - NXP Semiconductors BGS8L2 Datasheet HTML 6Page - NXP Semiconductors BGS8L2 Datasheet HTML 7Page - NXP Semiconductors BGS8L2 Datasheet HTML 8Page - NXP Semiconductors BGS8L2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NXP Semiconductors
BGS8L2
SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
BGS8L2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 6 — 29 June 2018
COMPANY PUBLIC
3 / 18
4 Quick reference data
Table 1. Quick reference data
f = 882 MHz; VCC = 2.8 V; VI(CTRL) ≥ 0.8 V; Tamb = 25 °C; input matched to 50 Ω using a 8.2 nH inductor; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.5
-
3.1
V
in gain mode
-
5.2
-
mA
ICC
supply current
in bypass mode
-
-
1
μA
in gain mode
[1] -
13.0
-
dB
Gp
power gain
in bypass mode
[1] -
-1.9
-
dB
NF
noise figure
[1][2] -
0.85
-
dB
Pi(1dB)
input power at 1 dB gain compression
[1] -
-1.0
-
dBm
IP3i
input third-order intercept point
[1] -
1.5
-
dBm
[1]
E-UTRA operating band 5 (869 MHz to 894 MHz).
[2]
PCB losses are subtracted.
5 Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
BGS8L2
XSON6
plastic extremely thin small outline package; no
leads; 6 terminals; body 1.1 × 0.7 × 0.37 mm
SOT1232
OM17005
EVB
BGS8L2 evaluation board
-
6 Marking
Table 3. Marking codes
Type number
Marking code
BGS8L2
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com