Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8L2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGS8L2
Description  SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGS8L2 Datasheet HTML 4Page - NXP Semiconductors BGS8L2 Datasheet HTML 5Page - NXP Semiconductors BGS8L2 Datasheet HTML 6Page - NXP Semiconductors BGS8L2 Datasheet HTML 7Page - NXP Semiconductors BGS8L2 Datasheet HTML 8Page - NXP Semiconductors BGS8L2 Datasheet HTML 9Page - NXP Semiconductors BGS8L2 Datasheet HTML 10Page - NXP Semiconductors BGS8L2 Datasheet HTML 11Page - NXP Semiconductors BGS8L2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NXP Semiconductors
BGS8L2
SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
BGS8L2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 6 — 29 June 2018
COMPANY PUBLIC
8 / 18
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f = 470 MHz, L1 = 18 nH
[1] -13.0
-9.0
-
dBm
f = 650 MHz, L1 = 18 nH
[1] -12.5
-8.5
-
dBm
f = 740 MHz, L1 = 18 nH
[1] [2] -11.0
-7.0
-
dBm
f = 740 MHz, L1 = 8.2 nH
[1] [2] -10.5
-7.5
dBm
f = 882 MHz, L1 = 8.2 nH
[1] [3] -10
-6.0
-
dBm
Pi(1dB)
input power at 1 dB gain
compression
f = 943 MHz, L1 = 8.2 nH
[1] [4] -9.5
-5.5
-
dBm
f = 470 MHz, L1 = 18 nH
[1] -10.5
-5.5
-
dBm
f = 650 MHz, L1 = 18 nH
[1] -6
-1.0
-
dBm
f = 740 MHz, L1 = 18 nH
[1] [2] -5.5
-0.5
-
dBm
f = 740 MHz, L1 = 8.2 nH
[1] [2] -4.0
+1.0
dBm
f = 882 MHz, L1 = 8.2 nH
[1] [3] -4.0
+1.0
-
dBm
IP3i
input third-order intercept point
f = 943 MHz, L1 = 8.2 nH
[1] [4] -4.0
+1.0
-
dBm
K
Rollett stability factor
1
-
-
ton
turn-on time
time from VI(CTRL) ON to 90 % of
the gain
-
-
2.7
μs
toff
turn-off time
time from VI(CTRL) OFF to 10 %
of the gain
-
-
0.6
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com